Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 78 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 74Page - SMSC Corporation LAN9211 Datasheet HTML 75Page - SMSC Corporation LAN9211 Datasheet HTML 76Page - SMSC Corporation LAN9211 Datasheet HTML 77Page - SMSC Corporation LAN9211 Datasheet HTML 78Page - SMSC Corporation LAN9211 Datasheet HTML 79Page - SMSC Corporation LAN9211 Datasheet HTML 80Page - SMSC Corporation LAN9211 Datasheet HTML 81Page - SMSC Corporation LAN9211 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
78
SMSC
LAN9211
DATASHEET
5.1
Register Nomenclature and Access Attributes
5.2
RX and TX FIFO Ports
The LAN9211 contains four host-accessible FIFOs: RX Status, RX Data, TX Status, and TX Data
FIFOs. The sizes Data FIFOs and the RX Status FIFO are configurable through the CSRs.
5.2.1
RX FIFO Ports
The RX Data Path contains two Read-Only FIFOs: RX Status and RX Data. The RX Status FIFO has
two ports at different address locations. The RX Status FIFO Port causes the top of the RX Status
FIFO to be “popped”, and is destructive. The RX Status FIFO PEEK Port allows the top of the RX
Status FIFO to be read without “popping” it.
The RX Data FIFO has a single port; reading data from this port always causes the top of the RX Data
FIFO to be “popped”. This port is aliased to 16 DWORD locations. The host may access the top of
the RX Data FIFO through any of these locations.
5.2.2
TX FIFO Ports
The TX Data Path consists of two FIFOs, TX Status and RX Data. The TX Status FIFO also has two
ports at different locations. When the TX Status FIFO Port is read, the top of the TX Status FIFO is
popped. When the TX Status FIFO PEEK Port is read, the top of the TX Status FIFO is not popped.
The TX data FIFO is Write Only. It is aliased to 16 DWORD locations. The host may access the top
of the TX Data FIFO through any of these locations.
SYMBOL
DESCRIPTION
RO
Read Only: If a register is read only, writes to this register have no effect.
WO
Write Only: If a register is write only, reads always return 0.
R/W
Read/Write: A register with this attribute can be read and written
R/WC
Read/Write Clear: A register bit with this attribute can be read and written. However, a write of a 1
clears (sets to 0) the corresponding bit and a write of a 0 has no effect.
RC
Read to Clear: A register bit with this attribute is cleared when read.
LL
Latch Low: Clear on read of register
LH
Latch High: Clear on read of register
SC
Self-Clearing
NASR
Not Affected by Software Reset
Reserved
Bits
Certain bits within registers are listed as “Reserved”. Unless stated otherwise, these bits must be
written with zeros for future compatibility. The values of these bits are not guaranteed when read.
Reserved
Registers
Certain configuration registers within the LAN9211 are listed as “Reserved”. These registers are not
guaranteed to return any particular value when read. These registers must not be written to or
modified by system failure; doing so could result in failure of the device and system.
Default
States
At Reset - System reset or Software Reset - internal registers are set to their default states.
The default states provide a minimum level of functionality needed to successfully bring up a system,
but do not necessarily provide desired or optimal configuration of the device. It is the responsibility
of the system initialization software to properly determine the operating parameters and optional
system features that are applicable, and to program the LAN9211 registers accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com