Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 98 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 98 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 94Page - SMSC Corporation LAN9211 Datasheet HTML 95Page - SMSC Corporation LAN9211 Datasheet HTML 96Page - SMSC Corporation LAN9211 Datasheet HTML 97Page - SMSC Corporation LAN9211 Datasheet HTML 98Page - SMSC Corporation LAN9211 Datasheet HTML 99Page - SMSC Corporation LAN9211 Datasheet HTML 100Page - SMSC Corporation LAN9211 Datasheet HTML 101Page - SMSC Corporation LAN9211 Datasheet HTML 102Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
98
SMSC
LAN9211
DATASHEET
5.3.16
GPT_CNT-General Purpose Timer Current Count Register
This register reflects the current value of the GP Timer.
5.3.17
WORD_SWAP—Word Swap Control
This register controls how words from the host data bus are mapped to the CSRs and Data FIFOs
inside the LAN9211. The LAN9211 always sends data from the Transmit Data FIFO to the network so
that the low order word is sent first, and always receives data from the network to the Receive Data
FIFO so that the low order word is received first.
Offset:
90h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-16
Reserved
RO
-
15-0
General Purpose Timer Current Count (GPT_CNT). This 16-bit field
reflects the current value of the GP Timer.
RO
FFFFh
Offset:
98h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Word Swap. f this field is set to 00000000h, or anything except
0xFFFFFFFFh, the LAN9211 maps words with address bit A[1]=1 to the high
order words of the CSRs and Data FIFOs, and words with address bit
A[1]=0 to the low order words of the CSRs and Data FIFOs. If this field is
set to 0xFFFFFFFFh, the LAN9211 maps words with address bit A[1]=1 to
the low order words of the CSRs and Data FIFOs, and words with address
bit A[1]=0 to the high order words of the CSRs and Data FIFOs.
Note:
Word swap is used in conjunction with the mixed endian
functionality to determine the final byte ordering. Refer to Section
3.7.3, "Mixed Endian Support" for more information.
R/W
NASR
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com