Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 46 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 42Page - SMSC Corporation LAN9211 Datasheet HTML 43Page - SMSC Corporation LAN9211 Datasheet HTML 44Page - SMSC Corporation LAN9211 Datasheet HTML 45Page - SMSC Corporation LAN9211 Datasheet HTML 46Page - SMSC Corporation LAN9211 Datasheet HTML 47Page - SMSC Corporation LAN9211 Datasheet HTML 48Page - SMSC Corporation LAN9211 Datasheet HTML 49Page - SMSC Corporation LAN9211 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
46
SMSC
LAN9211
DATASHEET
3.10.3.2
Energy Detect Power-Down
This power-down mode is activated by setting the Phy register bit 17.13 to 1. Please refer to Section
5.5.8, "Mode Control/Status," on page 123 for additional information on this register. In this mode when
no energy is present on the line, the PHY is powered down, with the exception of the management
interface, the SQUELCH circuit and the ENERGYON logic. The ENERGYON logic is used to detect
the presence of valid energy from 100Base-TX, 10Base-T, or Auto-negotiation signals
In this mode, when the ENERGYON signal is low, the PHY is powered-down, and nothing is
transmitted. When energy is received - link pulses or packets - the ENERGYON signal goes high, and
the PHY powers-up. It automatically resets itself into the state it had prior to power-down, and asserts
the INT7.1 bit of the register defined in Section 5.5.11, "Interrupt Source Flag," on page 126. If the
ENERGYON interrupt is enabled, this event will cause an interrupt to the host. The first and possibly
the second packet to activate ENERGYON may be lost. When 17.13 is low, energy detect power-down
is disabled.
3.11
Detailed Reset Description
The LAN9211 has four reset sources:
Hardware Reset Input Pin (nRESET)
Soft Reset (SRST)
PHY Soft Reset via PMT_CTRL bit 10 (PHY_RST)
PHY Soft Reset via PHY Basic Control Register (PHY REG 0.15)
Table 3.11 shows the effect of the various reset sources on the LAN9211's circuitry.
Note: For proper operation, the LAN9211 must be reset on power-up via the hardware reset input
(nRESET) or soft reset (SRST). To accomplish this, nRESET should be asserted for the
minimum period of 30ms at power-up. Alternatively, a soft reset may be performed following
power-up by setting the SRST bit of the HW_CFG register once the READY bit in the
PMT_CTRL register has been set. Refer to Section 3.11.1, "Hardware Reset Input (nRESET)"
and Section 3.11.3, "Soft Reset (SRST)" for additional information.
Note 3.16 After any PHY reset, the application must wait until the “Link Status” bit in the PHY’s “Basic
Status Register” (PHY Reg. 1.2) is set before attempting to transmit or receive data.
Note 3.17 After a power-up, nRESET or SRST, the LAN9211 will automatically check for the
presence of an external EEPROM. After any of these resets the application must verify
that the EPC Busy Bit (E2P_CMD, bit 31) is cleared before attempting to access the
EEPROM, or change the function of the GPO/GPIO signals, or before modifying the
ADDRH or ADDRL registers in the MAC.
Note 3.18 HBI - “Host Bus Interface”, NASR - Not affected by software reset.
Table 3.11 Reset Sources and Affected Circuitry
RESET
SOURCE
PLL
HBI
Note
3.18
NASR
REGISTERS
Note 3.18
MIL
MAC
PHY
Note 3.16
EEPROM MAC
ADDR.
RELOAD
Note 3.17
CONFIG.
STRAPS
LATCHED
nRESET
XX
X
X
X
X
X
X
SRST
XX
X
X
PHY_RST
X
PHY REG 0.15
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com