Electronic Components Datasheet Search
  English  ▼

X  

LAN9211 Datasheet(PDF) 52 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 48Page - SMSC Corporation LAN9211 Datasheet HTML 49Page - SMSC Corporation LAN9211 Datasheet HTML 50Page - SMSC Corporation LAN9211 Datasheet HTML 51Page - SMSC Corporation LAN9211 Datasheet HTML 52Page - SMSC Corporation LAN9211 Datasheet HTML 53Page - SMSC Corporation LAN9211 Datasheet HTML 54Page - SMSC Corporation LAN9211 Datasheet HTML 55Page - SMSC Corporation LAN9211 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 146 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.93 (11-27-07)
52
SMSC
LAN9211
DATASHEET
TX COMMAND ‘B’
3.12.3
TX Data Format
The TX data section begins at the third DWORD in the TX buffer (after TX command ‘A’ and TX
command ‘B’). The location of the first byte of valid buffer data to be transmitted is specified in the
“Data Start Offset” field of the TX command ‘A’ word. Table 3.14, "TX DATA Start Offset", shows the
correlation between the setting of the LSB’s in the “Data Start Offset” field and the byte location of the
first valid data byte. Additionally, transmit buffer data can be offset by up to 7 additional DWORDS as
indicated by the upper three MSB’s (5:2) in the “Data Start Offset” field.
TX data is contiguous until the end of the buffer. The buffer may end on a byte boundary. Unused
bytes at the end of the packet will not be sent to the MIL for transmission.
The Buffer End Alignment field in TX command ‘A’ specifies the alignment that must be maintained for
the associated buffer. End alignment may be specified as 4-, 16-, or 32-byte. The host processor is
responsible for adding the additional data to the end of the buffer. The hardware will automatically
remove this extra data.
3.12.3.1
TX Buffer Fragmentation Rules
Transmit buffers must adhere to the following rules:
Each buffer can start and end on any arbitrary byte alignment
The first buffer of any transmit packet can be any length
Table 3.13 TX Command 'B' Format
BITS
DESCRIPTION
31:16
Packet Tag. The host should write a unique packet identifier to this field. This identifier is added to
the corresponding TX status word and can be used by the host to correlate TX status words with
their corresponding packets.
Note:
The use of packet tags is not required by the hardware. This field can be used by the LAN
software driver for any application. Packet Tags is one application example.
15
Reserved. This bit is reserved. Always write zeros to this bit to guarantee future compatibility.
14
TX Checksum Enable (CK). When this bit is set in conjunction with the first segment (FS) bit in TX
Command ‘A’ and the TX checksum offload engine enable bit (TXCOE_EN) in the COE_CR—
Checksum Offload Engine Control Register, the TX checksum offload engine (TXCOE) will calculate
a L3 checksum for the associated frame.
13
Add CRC Disable. When set, the automatic addition of the CRC is disabled.
12
Disable Ethernet Frame Padding. When set, this bit prevents the automatic addition of padding to
an Ethernet frame of less than 64 bytes. The CRC field is also added despite the state of the Add
CRC Disable field.
11
Reserved. These bits are reserved. Always write zeros to this field to guarantee future compatibility.
10:0
Packet Length (bytes). This field indicates the total number of bytes in the current packet. This
length does not include the offset or padding. If the Packet Length field does not match the actual
number of bytes in the packet the Transmitter Error (TXE) flag will be set.
Table 3.14 TX DATA Start Offset
Data Start Offset [1:0]:
11
10
01
00
First TX Data Byte:
D[31:24]
D[23:16]
D[15:8]
D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com