Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 31Page - Renesas Technology Corp RZ/G3E Datasheet HTML 32Page - Renesas Technology Corp RZ/G3E Datasheet HTML 33Page - Renesas Technology Corp RZ/G3E Datasheet HTML 34Page - Renesas Technology Corp RZ/G3E Datasheet HTML 35Page - Renesas Technology Corp RZ/G3E Datasheet HTML 36Page - Renesas Technology Corp RZ/G3E Datasheet HTML 37Page - Renesas Technology Corp RZ/G3E Datasheet HTML 38Page - Renesas Technology Corp RZ/G3E Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 35 of 112
Nov 28, 2025
3.3.7
CA55 Boot Mode (Power-On)
Min.: None, Max.: 30 ms
Min.: 0 μs
Max.: None
Min.: None, Max.: 30 ms
90%
Min.: None*3, Max.: 30 ms*5
10%
Min.: 0 μs
Max.: None
Min.: 0 μs
Max.: None
Min.: None*1, Max.: 30 ms*4
30%
Min.: None *2, Max.: 30 ms
Min.: OSC oscillation stabilization time
Min.: 0 μs
Max.: None
90%
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
10%
Min.: None, Max.: 30 ms
1st Grp
2nd Grp-B
3rd Grp-A
4th Grp
2nd Grp-A
5th Grp
QRESN (Reset input)
3rd Grp-B
ALL_OFF
ALL_ON
Power mode
(10)
(11)
State transition
Power-off
70%
1st Grp power supply
0.8 V
VDD08_AWO
PLDVDD08_PLLCM33
4th Grp power supply
1.8 V
VDD1833_PRE18_OTHERS_1
VDD1833_PRE18_OTHERS_2
DSI_VDD18
CSI0_MSVDD18
LVDS_VCCQ
USB20_USVDD18
USB21_USVDD18
USB30_USVPH
USB30_USVDD18
DDR0_VAA
PLVDD_PLLCA55
PLVDD_OTHERS
PCIE_VCC18ACMN
PCIE_VCC18AL01
(When used as 1.8 V)
VDD1833_OTHERS
VDD1833_SD0
VDD1833_SD1
VDD1833_SD2
VDD1833_ET0
VDD1833_ET1
1.2/1.8 V
VDD1218_I3C
3.3 V
USB2_USVDD33
2nd Grp-A power supply
1.8 V
ADAVDD18
OTPVDD18
VDD1833_PRE18_AWO
VDD18_AWO
VDD18_PWC
PLVDD_PLLCM33
(
When used as 1.8 V)
VDD1833_AWO
VDD1833_XSPI
5th Grp power supply
1.2 V
DSI_VDD12
(When used as 3.3 V)
VDD1833_OTHERS
VDD1833_SD0
VDD1833_SD1
VDD1833_SD2
VDD1833_ET0
VDD1833_ET1
2nd Grp-B power supply
(When used as 3.3 V)
VDD1833_AWO
VDD1833_XSPI
3rd Grp-A power supply
0.8 V
USB2_USDVDD
USB30_USVPTX
PCIE_VCC08AL01
DSI_VDD0P8
CSI0_MSVDD0P8
PLDVDD08_OTHERS
VDD08_OTHERS
0.8/0.9 V
VDD09_CA55
PLDVDD09_PLLCA55
3rd Grp-B power supply
1.1 V
DDR0_VDDQ
0.6/1.1 V
DDR0_VDDQLP
Min.: 0 μs
Max.: None
Min.: None, Max.: 30 ms
Min.: 0 μs
Max.: None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com