Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 91Page - Renesas Technology Corp RZ/G3E Datasheet HTML 92Page - Renesas Technology Corp RZ/G3E Datasheet HTML 93Page - Renesas Technology Corp RZ/G3E Datasheet HTML 94Page - Renesas Technology Corp RZ/G3E Datasheet HTML 95Page - Renesas Technology Corp RZ/G3E Datasheet HTML 96Page - Renesas Technology Corp RZ/G3E Datasheet HTML 97Page - Renesas Technology Corp RZ/G3E Datasheet HTML 98Page - Renesas Technology Corp RZ/G3E Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 95 of 112
Nov 28, 2025
3.5.21
PDM Timing
Conditions:
VOH = VDD18 × 0.5, VOL = VDD18 × 0.5, C = 30 pF (1.8 V)
VOH = VDD33 × 0.5, VOL = VDD33 × 0.5, C = 30 pF (3.3 V)
Drive strength: ×1, ×2, ×4, ×6
Table 3.30
PDM Interface Timing
Parameter
Symbol
Min.
Max.
Unit
Figure
Clock period
tPSYNC
2
32
tCCcyc = 208.33 ns
(4.8 MHz)*1
Figure 3.64
Clock high-level period
tPDCKWH
tPSYNC × 0.45
tPSYNC × 0.55
ns
Clock low-level period
tPDCKWL
tPSYNC × 0.45
tPSYNC × 0.55
ns
Clock rise time
tR-EDGE
—
3*2
ns
Clock fall time
tF-EDGE
—
3*2
ns
Setup time
tsu
15
—
ns
Figure 3.65,
Figure 3.66
Hold time
th
0
—
ns
Note 1.
tCCcyc is the period of PDM_n_CCLK (n = 0, 1).
Note 2.
Output transition time from 20% to 80%
PDMCLKnm
tPDCKWH
tPDCKWL
tPSYNC
tR-EDGE
tF-EDGE
n = 0, 1
m = 0 to 2
Figure 3.64
Timing of Clock Output (PDMCLKnm)
PDMCLKnm
(Output)
tSU
PDMDATnm
(Input)
tH
n = 0, 1
m = 0 to 2
Figure 3.65
Timing of Clock Output (Synchronized with the rise of PDMCLKnm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com