Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 88Page - Renesas Technology Corp RZ/G3E Datasheet HTML 89Page - Renesas Technology Corp RZ/G3E Datasheet HTML 90Page - Renesas Technology Corp RZ/G3E Datasheet HTML 91Page - Renesas Technology Corp RZ/G3E Datasheet HTML 92Page - Renesas Technology Corp RZ/G3E Datasheet HTML 93Page - Renesas Technology Corp RZ/G3E Datasheet HTML 94Page - Renesas Technology Corp RZ/G3E Datasheet HTML 95Page - Renesas Technology Corp RZ/G3E Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 92 of 112
Nov 28, 2025
3.5.20
SSIU Timing
Condition:
VOH = VDD18 × 0.5, VOL = VDD18 × 0.5, C = 30 pF*1 (1.8 V)
VOH = VDD33 × 0.5, VOL = VDD33 × 0.5, C = 30 pF*1 (3.3 V)
Drive strength: ×1, ×2, ×4, ×6
Note 1.
Other than tRC: Rise-edge clock timing
Table 3.29
SSIU Signal Timing
Parameter
Symbol
Min.
Max.
Unit
Note
Figure
Output clock cycle
tO
80
15625
ns
—
Figure 3.59
Input clock cycle
tI
80
15625
ns
—
Output clock high-cycle
tHC
35*1
—
ns
—
Output clock low-cycle
tLC
35*1
—
ns
—
Input clock high-cycle
tHC
35
—
ns
—
Input clock low-cycle
tLC
35
—
ns
—
Rise-edge clock timing
tRC
—
20*2
ns
Output (100 pF)
Output delay
tD
-5
19
ns
—
Figure 3.60 to
Figure 3.63
Setup time
tS
15
—
ns
—
Hold time
tH
5
—
ns
—
Note 1.
The width at high or low level of the clock signal when the input on AUDIO_CLKA, AUDIO_CLKB, or AUDIO_CLKC is output
from SCK without frequency division in master mode is min. 30 ns.
The relevant registers are as follows:
ADG: Audio Clock Select Register m (AUDIO_CLK_SELm (m = 0 to 2))
SSIU: Control Register (SSICRn (n = 0 to 9))
Note 2.
Output transition time from 20% to 80%
tHC
tLC
tRC
tI, tO
SSIn_SCK
Figure 3.59
SCK Clock Input/Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com