Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 36Page - Renesas Technology Corp RZ/G3E Datasheet HTML 37Page - Renesas Technology Corp RZ/G3E Datasheet HTML 38Page - Renesas Technology Corp RZ/G3E Datasheet HTML 39Page - Renesas Technology Corp RZ/G3E Datasheet HTML 40Page - Renesas Technology Corp RZ/G3E Datasheet HTML 41Page - Renesas Technology Corp RZ/G3E Datasheet HTML 42Page - Renesas Technology Corp RZ/G3E Datasheet HTML 43Page - Renesas Technology Corp RZ/G3E Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 40 of 112
Nov 28, 2025
Note 1.
VDD08_OTHERS, USB30_USVPTX, USB2_USDVDD: Min. 10 µs
Note 2.
VDD1833_PRE18_OTHERS_1: Min. 10 µs
DDR0_VAA: Min. 290 µs
USB2_USVDD33: Min.30 µs
USB20_USVDD18, USB21_USVDD18, USB30_USVDD18: Min. 20 µs
USB30_USVPH: Min. 10 µs
Note 3.
USB2_USDVDD: Max. 10 ms
Note 4.
USB20_USVDD18, USB21_USVDD18, USB30_USVDD18, USB2_USVDD33: Max. 10 ms
Note: The clock stabilization time depends on the board design. Make the setting according to the results of
evaluation.
Figure 3.9
DDR Retention Exit Sequence (CA55 Boot Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com