Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/G3E Datasheet HTML 1Page - Renesas Technology Corp RZ/G3E Datasheet HTML 2Page - Renesas Technology Corp RZ/G3E Datasheet HTML 3Page - Renesas Technology Corp RZ/G3E Datasheet HTML 4Page - Renesas Technology Corp RZ/G3E Datasheet HTML 5Page - Renesas Technology Corp RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
R01DS0477EJ0115 Rev.1.15
Page 1 of 112
Nov 28, 2025
DATASHEET
Features
This LSI includes:
CPU
● On-chip Quad 64-bit Arm® Cortex®-A55 Core processors
[Quad/Dual option]
Application processing (up to 1.8 GHz)
● 32-bit Arm® Cortex®-M33 processor
System management (up to 200 MHz)
Boot
● Selectable boot CPU from Arm® Cortex®-M33 or Arm® Cortex®-
A55
Micro Neural network processing unit (NPU)
● NPU of Arm® Ethos-U55 (1 GHz) [option]
Video and Graphics
● H.264/H.265 Video codec unit (VCD)
● 3D Graphics Engine of Arm® Mali-G52
● Image Scaling Unit (VSP)
● Frame Data Processor (FDP)
On-chip SRAM and external memory
interfaces
● On-chip shared SRAM (512-Kbyte on-chip SRAM with ECC)
● External DDR memory interface
1-channel memory controller for LPDDR4-3200 or LPDDR4X-
3200 with a 32-bit bus width
● xSPI interface
● SDHI (eMMC/SD (1-, 4-, 8-bit bus width) supported)
Camera and display interfaces
● MIPI CSI-2 (1 ch.: 1, 2, or 4 lanes)
● Selectable 2 display interfaces from the following
MIPI DSI (1 ch.: 1, 2, or 4 lanes)
Parallel interface (1 ch.)
LVDS (2 ch.)
Various communication/storage/network
interfaces
● Ethernet (2 ch.: 10/100/1000 BASE)
● USB2.0 (1 ch.: Host/Function, 1 ch.: Host-only)
● USB3.2 Gen2 × 1 (Host-only)
● PCIe Gen3 × 1 (1 or 2 lanes)
● CAN/CANFD (compliant with ISO11898-1) (6 ch.)
● SCI (10 ch.: UART/SPI/I2C-host)
● SPI (3 ch.)
● I2C (9 ch.)
● I3C (1 ch.)
Extended-function timers
● 32-bit general-purpose timer (16 ch.)
● 32-bit CMTW (8 ch.)
Audio
● Asynchronous sampling rate converter unit (SCU) (up to 192 kHz)
● DMAC for Audio (ADMAC) is available to transfer audio formats
of I2S with SCU.
● Flexible audio clock generator (ADG) for audio functions.
● I2S (TDM) input/output interfaces (half-duplex 10 ch.; full-duplex
5 ch.)
● SPDIF input/output interfaces (3 ch.)
● Pulse density modulation (PDM) input interfaces (6 ch.)
Analog/Digital converter (ADC) and sensors
● 2.5 Msps 12-bit ADC (8 ch.)
● Internal temperature sensors (1 ch.)
Security
● Hardware cryptographic engine
RZ/G3E Group
RZ Family, RZ/G Series
R01DS0477EJ0115
Rev.1.15
Nov 28, 2025


Similar Part No. - RZ/G3E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/G3S RENESAS-RZ/G3S Datasheet
968Kb / 88P
RZ 32 & 64-bit MPUs, RZ/G Series
Rev.1.20 May 29, 2026
More results

Similar Description - RZ/G3E

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124202 ADELS-124202 Datasheet
117Kb / 2P
500 RZ/ 2
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
124204 ADELS-124204 Datasheet
118Kb / 2P
500 RZ/ 4
20/01/2020
124205 ADELS-124205 Datasheet
119Kb / 2P
500 RZ/ 5
124206 ADELS-124206 Datasheet
120Kb / 2P
500 RZ/ 6
124209 ADELS-124209 Datasheet
121Kb / 2P
500 RZ/ 9
124212 ADELS-124212 Datasheet
122Kb / 2P
500 RZ/12
logo
Renesas Technology Corp
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com