Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 44Page - Renesas Technology Corp RZ/G3E Datasheet HTML 45Page - Renesas Technology Corp RZ/G3E Datasheet HTML 46Page - Renesas Technology Corp RZ/G3E Datasheet HTML 47Page - Renesas Technology Corp RZ/G3E Datasheet HTML 48Page - Renesas Technology Corp RZ/G3E Datasheet HTML 49Page - Renesas Technology Corp RZ/G3E Datasheet HTML 50Page - Renesas Technology Corp RZ/G3E Datasheet HTML 51Page - Renesas Technology Corp RZ/G3E Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 48 of 112
Nov 28, 2025
Item
I/O Type
Symbol
Min.
Typ.
Max.
Unit
Condition
Pull-up resistance
1.8/1.2-V switching I/O type*4
(1.2 V)
RPU
15
—
160
kΩ
—
1.8/1.2-V switching I/O type*4
(1.8 V)
RPU
10
—
50
kΩ
—
3.3/1.8-V switching I/O type 1*8
(1.8 V)
3.3/1.8-V switching I/O type 3*10
(1.8 V)
3.3/1.8-V switching I/O type 4*6
(1.8 V)
RPU
10
—
50
kΩ
—
3.3/1.8-V switching I/O type 1*8
(3.3 V)
RPU
10
—
100
kΩ
—
3.3/1.8-V switching I/O type 2*12 RPU
12
—
92
kΩ
—
Pull-down resistance
1.8/1.2-V switching I/O type*3
(1.2 V)
RPD
15
—
160
kΩ
—
1.8/1.2-V switching I/O type*3
(1.8 V)
RPD
15
—
60
kΩ
—
3.3/1.8-V switching I/O type 1*7
(1.8 V)
3.3/1.8-V switching I/O type 3*9
(1.8 V)
3.3/1.8-V switching I/O type 4*5
(1.8 V)
RPD
10
—
50
kΩ
—
3.3/1.8-V switching I/O type 1*7
(3.3 V)
RPD
10
—
100
kΩ
—
3.3/1.8-V switching I/O type 2*11 RPD
13
—
92
kΩ
—
Input capacitance
—
Cin
—
—
10
pF
Note 1.
Only for the QRESN and QRESNSEL pin
Note 2.
When the RIIC function is in use or the value of the PFC_SMT_mn register is 1
Note 3.
Only for the P20 and P21 pins (when the value of the PFC_PUPD_mn register is 10b)
Note 4.
Only for the P20 and P21 pins (when the value of the PFC_PUPD_mn register is 11b)
Note 5.
Only for the QBYPASS, BSCANP, MD_BOOT0, MD_BOOT3, and BOOTSELCPU pins
Note 6.
Only for the MD_BOOT1, MD_BOOT2 and MD_CLKS pins
Note 7.
Only for the WDTUDFCA, WDTUDFCM, and SCIF_RXD, SCIF_TXD pins (when the value of the PFC_PUPD_mn register is
10b)
Note 8.
Only for the WDTUDFCA, WDTUDFCM, and SCIF_RXD, SCIF_TXD pins (when the value of the PFC_PUPD_mn register is
11b)
Note 9.
When the value of the PFC_PUPD_mn register is 10b
Note 10. When the value of the PFC_PUPD_mn register is 11b
Note 11. Only for the pins other than SD0CLK, SD0RSTN, SD0PWEN, and SD0IOVS (when the value of the PFC_PUPD_mn register
is 10b)
Note 12. Only for the pins other than SD0CLK, SD0RSTN, SD0PWEN, and SD0IOVS (when the value of the PFC_PUPD_mn register
is 11b)
Note 13. This type IO can be available both 3.3 V and 1.8 V buffers, but it is fixed at 1.8 V buffer.
Note 14. Only for the pins other than SD0CLK, SD0CMD, SD0DAT0-SD0DAT7, SD0PWEN, SD0IOVS, and SD0RSTN (when the RIIC
function is in use or the value of the PFC_SMT_mn register is 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com