Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 18Page - Renesas Technology Corp RZ/G3E Datasheet HTML 19Page - Renesas Technology Corp RZ/G3E Datasheet HTML 20Page - Renesas Technology Corp RZ/G3E Datasheet HTML 21Page - Renesas Technology Corp RZ/G3E Datasheet HTML 22Page - Renesas Technology Corp RZ/G3E Datasheet HTML 23Page - Renesas Technology Corp RZ/G3E Datasheet HTML 24Page - Renesas Technology Corp RZ/G3E Datasheet HTML 25Page - Renesas Technology Corp RZ/G3E Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 22 of 112
Nov 28, 2025
Table 3.1
Absolute Maximum Ratings (2/2)
Unit Name
Item
Symbol
Min.
Max.
Unit
MIPI CSI Ch0
CSI0_MSVDD18
CSI0_MSVDD18
−0.4
2.5
V
CSI0_MSVDD0P8
CSI0_MSVDD0P8
−0.4
1.2
V
MIPI DSI
DSI_VDD0P8
DSI_VDD0P8
−0.4
1.2
V
DSI_VDD12
DSI_VDD12
−0.4
2.5
V
DSI_VDD18
DSI_VDD18
−0.4
2.5
V
PCIE
PCIE_VCC18ACMN
PCIE_VCC18ACMN
−0.4
2.5
V
PCIE_VCC18AL01
PCIE_VCC18AL01
−0.4
2.5
V
PCIE_VCC08AL01
PCIE_VCC08AL01
−0.4
1.2
V
I3C
VDD1218_I3C
I3C_VDD1218
−0.4
2.5
V
ADC
ADAVDD18
ADAVDD18
−0.4
2.5
V
LVDS Ch0,
LVDS Ch1 common
LVDS_VCCQ
LVDSVDD18
−0.4
2.5
V
CPG
PLVDD_PLLCM33
PLLCM33_PLVDD
−0.4
2.5
V
PLVDD_PLLCA55
PLLCA55_PLVDD
−0.4
2.5
V
PLVDD_OTHERS
PLLOTHERS_PLVDD
−0.4
2.5
V
PLDVDD08_PLLCM33
PLLCM33_PLDVDD08
−0.4
1.2
V
PLDVDD09_PLLCA55
PLLCA55_PLDVDD09
−0.4
1.2
V
PLDVDD08_OTHERS
PLLOTHERS_PLDVDD08
−0.4
1.2
V
PWC
VDD18_PWC
PWC_VDD18
−0.4
2.5
V
—
Input voltage (0.6-V I/O)
Vin06
−0.4
DDR0_VDDQLP
+ 0.3*1
V
—
Input voltage (1.1-V I/O)
Vin11
−0.4
DDR0_VDDQ +
0.3*1
V
—
Input voltage (1.2-V I/O)
Vin12
−0.4
V12 + 0.3*2
V
—
Input voltage (1.8-V I/O)
Vin18
−0.4
V18 + 0.3*3
V
—
Input voltage
(1.8-V I/O (3.3-V tolerant))*4
Vin18_tol
−0.4
3.6
V
—
Input voltage (3.3-V I/O)
Vin33
−0.4
V33 + 0.3*5
V
—
Analog input voltage (ADC I/O)
Vain18
0
ADAVDD18
V
—
Junction temperature
Tj
−40
125
°C
—
Storage temperature
Tstg
−40
150
°C
Note 1.
The voltage to be applied must be within the absolute maximum rating (1.5 V).
Note 2.
The voltage to be applied must be within the absolute maximum rating (2.5 V). V12 indicates the power supply voltage for 1.2-
V I/O pins.
Note 3.
The voltage to be applied must be within the absolute maximum rating (2.5 V). V18 indicates the power supply voltage for 1.8-
V I/O pins. When 1.8-V is used for the 3.3/1.8-V switching I/O, this specification is applied.
Note 4.
PS0 to PS3, PJ0 to PJ4
Note 5.
The voltage to be applied must be within the absolute maximum rating (3.8 V). V33 indicates the power supply voltage for 3.3-
V I/O pins. When 3.3-V is used for the 3.3/1.8-V switching I/O, this specification is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com