Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 10Page - Renesas Technology Corp RZ/G3E Datasheet HTML 11Page - Renesas Technology Corp RZ/G3E Datasheet HTML 12Page - Renesas Technology Corp RZ/G3E Datasheet HTML 13Page - Renesas Technology Corp RZ/G3E Datasheet HTML 14Page - Renesas Technology Corp RZ/G3E Datasheet HTML 15Page - Renesas Technology Corp RZ/G3E Datasheet HTML 16Page - Renesas Technology Corp RZ/G3E Datasheet HTML 17Page - Renesas Technology Corp RZ/G3E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 14 of 112
Nov 28, 2025
1.1.15
Analog
Item
Description
A/D Converter
(ADC)
● 8 channels
● Resolution: 12 bits
● Input range: 0 V to 1.8 V
● Conversion rate: 2.5 Msps, 2.0 Msps, 1.0 Msps, 0.5 Msps, 0.25 Msps
● Operation mode: Single scan, continuous scan, group scan
● Condition for starting A/D conversion
– Software trigger
– Asynchronous trigger: External ADTRG trigger supported
– Synchronous trigger: ELC and GPT timers
● Interrupt sources: A/D scan end, window compare match, compare match/mismatch, data register
overwrite
Temperature Sensor Unit
(TSU)
● 1 unit for internal temperature
● Includes a 12-bit A/D convertor per unit
● Resolution: 0.0625°C/code
● Rang: -40°C to125°C
● Precision: ±5°C
● Conversion Rate: 14.9 ksps
● Operation Mode: Single Scan
● Condition for measurement start
– Software trigger
– Synchronous trigger: ELC
● Interrupt sources: conversion end, window compare match
1.1.16
Security
Item
Description
Secure IP
(RSIP)
● Security algorism
– Common key encryption: AES
– Non-common key encryption: RSA, ECC
● Other features
– TRNG (true-random number generator)
– Hash value generation: SHA-1, SHA-2, SHA-3
– Support of Unique ID
1.1.17
Others
Item
Description
Boundary Scan
Boundary scan based on IEEE 1149.1 via JTAG interface is supported.
Note that some module pins are not available on this boundary scan.
1.1.18
Power Supply Voltage
Item
Description
Power supply voltage
● VDD (core): 0.8 V
● VDD (CA55): 0.8 V@Normal Drive, 0.9 V@OverDrive
● VDD (DDR IO): 1.1 V/0.6 V (LPDDR4/4X)
● VDD (except DDR IO): 1.2 V, 1.8 V, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com