Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 41Page - Renesas Technology Corp RZ/G3E Datasheet HTML 42Page - Renesas Technology Corp RZ/G3E Datasheet HTML 43Page - Renesas Technology Corp RZ/G3E Datasheet HTML 44Page - Renesas Technology Corp RZ/G3E Datasheet HTML 45Page - Renesas Technology Corp RZ/G3E Datasheet HTML 46Page - Renesas Technology Corp RZ/G3E Datasheet HTML 47Page - Renesas Technology Corp RZ/G3E Datasheet HTML 48Page - Renesas Technology Corp RZ/G3E Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 45 of 112
Nov 28, 2025
3.4.2
Standard I/O Characteristics
For the I/O types, refer to the external pin list in
2.2 External Pins and Multiplexed Functional Pins.
Table 3.4
DC Characteristics (Standard I/O)
VDD = 1.14 V to 1.89 V (1.8/1.2-V switching I/O type), VDD = 1.71 V to 1.89 V (3.3/1.8-V switching I/O
types 3*13, 4*13 and 1.8-V OSC I/O type), VDD = 1.71 V to 3.46 V (3.3/1.8-V switching I/O types 1, 2)
Item
I/O Type
Symbol
Min.
Typ.
Max.
Unit
Condition
External voltage
tolerance
3.3/1.8-V switching I/O type 3
VTOL
—
—
3.6
V
VDD power-off & on
High-level input voltage
1.8/1.2-V switching I/O type
(1.2 V)
VIH
0.8 × VDD
—
VDD + 0.3
V
—
1.8/1.2-V switching I/O type
(1.8 V)
VIH
0.7 × VDD
—
VDD + 0.3
V
—
1.8-V OSC I/O type
3.3/1.8-V switching I/O type 2
(1.8 V)
VIH
0.7 × VDD
—
VDD + 0.3
V
—
3.3/1.8-V switching I/O type 1
3.3/1.8-V switching I/O type 3
3.3/1.8-V switching I/O type 4
(1.8 V)
VIH
0.75 × VDD
—
VDD + 0.3
V
—
3.3/1.8-V switching I/O type 1
3.3/1.8-V switching I/O type 2
(3.3 V)
VIH
0.7 × VDD
—
VDD + 0.3
V
—
Low-level input voltage
1.8/1.2-V switching I/O type
(1.2 V)
VIL
−0.3
—
0.2 × VDD
V
—
1.8/1.2-V switching I/O type
(1.8 V)
VIL
−0.3
—
0.3 × VDD
V
—
1.8-V OSC I/O type
3.3/1.8-V switching I/O type 1
3.3/1.8-V switching I/O type 2
3.3/1.8-V switching I/O type 3
3.3/1.8-V switching I/O type 4
(1.8 V)
VIL
−0.3
—
0.3 × VDD
V
—
3.3/1.8-V switching I/O type 1
3.3/1.8-V switching I/O type 2
(3.3 V)
VIL
−0.3
—
0.3 × VDD
V
—
Hysteresis voltage
1.8/1.2-V switching I/O type
ΔV
0.1 × VDD
—
—
V
—
3.3/1.8-V switching I/O type 3*2
3.3/1.8-V switching I/O type 4*1
ΔV
0.08 × VDD
—
—
V
—
3.3/1.8-V switching I/O type 2*14 ΔV
0.1
—
—
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com