Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp RZ/G3E Datasheet HTML 10Page - Renesas Technology Corp RZ/G3E Datasheet HTML 11Page - Renesas Technology Corp RZ/G3E Datasheet HTML 12Page - Renesas Technology Corp RZ/G3E Datasheet HTML 13Page - Renesas Technology Corp RZ/G3E Datasheet HTML 14Page - Renesas Technology Corp RZ/G3E Datasheet HTML 15Page - Renesas Technology Corp RZ/G3E Datasheet HTML 16Page - Renesas Technology Corp RZ/G3E Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 13 of 112
Nov 28, 2025
1.1.14
Audio Interface
Item
Description
Sampling Rate Converter Unit
(SCU)
● 10 channels
● Sampling Rate : Max.192 kHz
● Asynchronous sampling rate conversion is available
● Supports resolutions up to 24 bits
● High-sound-quality type (THD + N*1 is −132 dB) and general-sound-quality type (THD + N*1 is −96
dB)
● Automatically generates antialiasing filter coefficients
● Four modules support one, two, four, six, or eight channels, and six modules support one or two
channels.
Note 1. Total harmonic distortion plus noise.
Audio Clock Generator Unit
(ADG)
● Supplies clock signals to the SSIU, SCU and SPDIF module
Direct Access Memory
Controller for Audio
(ADMAC)
● Allows transfer of L/R data via I2S
● 29 channels
● Controls data transfer between the audio modules (SSIU, SCU)
Serial Sound Interface Unit
(SSIU)
● 10 channels for half-duplex communication with transmit or receive function
● 5 channels for full-duplex communication
(full-duplex pairing: ch. 0 & 9, ch.1 & 2, ch. 3 & 4, ch. 5 & 6, ch. 7 & 8)
● Support for I2S, monaural, and TDM audio formats
● Support for master and slave functions
● Generation of programmable word clocks and bit clocks
● Multi-channel formats
● Support for 8, 16, 18, 20, 22, 24, and 32-bit data formats
● Support for WS (word select) signal continuation with which the WS signal is not stopped
● Support for ADMAC
SPDIF Interface
(SPDIF)
● 3 channels
● Support of IEC60958 standard (stereo and consumer use modes only)
● Sampling Rate: 32 kHz, 44.1 kHz, and 48 kHz
● Audio word sizes of 16 to 24 bits per sample
● Biphase mark encoding
● Double buffered data
● Parity encoded serial data
● Supports DMAC
Pulse Density Modulation
(PDM)
● 6 channels
● Direction: input
● Sampling Rate: 8, 10, 12, 15, 16, 20, 24, 25, 30, 40, or 48 kHz
● Capable of filtering 1-bit digital input data and converting them into 20-bit or 16-bit digital data
● supports stereo microphone (L/R sampling by rising/falling clock edge)
● supports sound activity detector to wake up CPU from WFI
● Supports DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com