Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 74Page - Renesas Technology Corp RZ/G3E Datasheet HTML 75Page - Renesas Technology Corp RZ/G3E Datasheet HTML 76Page - Renesas Technology Corp RZ/G3E Datasheet HTML 77Page - Renesas Technology Corp RZ/G3E Datasheet HTML 78Page - Renesas Technology Corp RZ/G3E Datasheet HTML 79Page - Renesas Technology Corp RZ/G3E Datasheet HTML 80Page - Renesas Technology Corp RZ/G3E Datasheet HTML 81Page - Renesas Technology Corp RZ/G3E Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 78 of 112
Nov 28, 2025
3.5.17
I3C Timing
Conditions: VOH = VDD1218_I3C × 0.5, VOL = VDD1218_I3C × 0.5, C = 30 pF (1.2 V or 1.8 V)
Drive strength: ×6
Table 3.22
I3C Timing
Parameter
Symbol
Min.*1
Max.
Unit
Figure
IIC (Standard
mode,
SMBus)
SCL3n cycle time
tSCL
4(36) × tIICcyc + 4 × tPcyc + 1300 —
ns
Figure 3.47
SCL3n high-level pulse width tSCLH
2(18) × tIICcyc + 2 × tPcyc + 300
—
ns
SCL3n low-level pulse width
tSCLL
2(18) × tIICcyc + 2 × tPcyc + 800
—
ns
SCL3n, SDA3n rise time
tSr
—
1000
ns
SCL3n, SDA3n fall time
tSf
—
300
ns
SCL3n, SDA3n spike pulse
removal time
tSP
0
1(16) × tIICcyc
ns
SDA3n bus free time
tBUF
3(20) × tIICcyc + 300
—
ns
Hold time for START
condition
tSTAH
tIICcyc + 300
—
ns
Setup time for repeated
START condition
tSTAS
1000
—
ns
Setup time for STOP
condition
tSTOS
1000
—
ns
Data setup time
tSDAS
tIICcyc + 50
—
ns
Data hold time
tSDAH
0
—
ns
SCL3n, SDA3n capacitive
load
Cb
—
400
pF
IIC (Fast
mode)
SCL3n cycle time
tSCL
4(36) × tIICcyc + 4 × tPcyc + 600
—
ns
Figure 3.47
SCL3n high-level pulse width tSCLH
2(18) × tIICcyc + 2 × tPcyc + 300
—
ns
SCL3n low-level pulse width
tSCLL
2(18) × tIICcyc + 2 × tPcyc + 300
—
ns
SCL3n, SDA3n rise time
tSr
—
300
ns
SCL3n, SDA3n fall time
tSf
—
300
ns
SCL3n, SDA3n spike pulse
removal time
tSP
0
1(16) × tIICcyc
ns
SDA3n bus free time
tBUF
3(20) × tIICcyc + 300
—
ns
Hold time for START
condition
tSTAH
tIICcyc + 300
—
ns
Setup time for repeated
START condition
tSTAS
300
—
ns
Setup time for STOP
condition
tSTOS
300
—
ns
Data setup time
tSDAS
tIICcyc + 50
—
ns
Data hold time
tSDAH
0
—
ns
SCL3n, SDA3n capacitive
load
Cb
—
400
pF
Note 1.
tIICcyc: I3C internal reference clock (I3Cϕ) cycle, tPcyc: I3C_0_TCLK cycle. Values in parentheses apply when INCTL.DNFS[3:0]
is set to 1111b while the digital filter is enabled with DNFE.DNFE set to 1b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com