Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 60Page - Renesas Technology Corp RZ/G3E Datasheet HTML 61Page - Renesas Technology Corp RZ/G3E Datasheet HTML 62Page - Renesas Technology Corp RZ/G3E Datasheet HTML 63Page - Renesas Technology Corp RZ/G3E Datasheet HTML 64Page - Renesas Technology Corp RZ/G3E Datasheet HTML 65Page - Renesas Technology Corp RZ/G3E Datasheet HTML 66Page - Renesas Technology Corp RZ/G3E Datasheet HTML 67Page - Renesas Technology Corp RZ/G3E Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 64 of 112
Nov 28, 2025
tPERIOD
tCKDCD
tPERIOD
Differential
CK output
tCKMPW
tCKMPW
tCKDCD
tCKDCD
Single end
CK output
DS input
VOX (min)
80%
20%
20%
80%
tSRck
80%
20%
20%
80%
tSU
tH
IO input
(relative to
CK or DS)
IO output
(relative to
CK)
tOD
tOD
tOH
tOH
tSR
tCKMPW
tDSMPW
VOX (max)
VOL (20%)
VOH (80%)
VIL (30%)
VIH (70%)
tSU
tH
tSU
tH
tSU
tH
tSR
tSRck
tSRck
tCKMPW
tDSMPW
tDSDCD
tSRck
80%
20%
20%
80%
Figure 3.25
xSPI Clock / DS Timing
XSPIn_CS0N
XSPIn_CS1N
tOH
tOD
tCSLCKH
tSU
tH
tBOFF
XSPIn_CKP
XSPIn_IOm
tCSTD
tCKLCSH
Data output
Data input
Figure 3.26
SDR Transmission and Reception Timing (1S-1S-1S, 1S-2S-2S, 2S-2S-2S, 1S-4S-4S, 4S-4S-4S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com