Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 68Page - Renesas Technology Corp RZ/G3E Datasheet HTML 69Page - Renesas Technology Corp RZ/G3E Datasheet HTML 70Page - Renesas Technology Corp RZ/G3E Datasheet HTML 71Page - Renesas Technology Corp RZ/G3E Datasheet HTML 72Page - Renesas Technology Corp RZ/G3E Datasheet HTML 73Page - Renesas Technology Corp RZ/G3E Datasheet HTML 74Page - Renesas Technology Corp RZ/G3E Datasheet HTML 75Page - Renesas Technology Corp RZ/G3E Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 72 of 112
Nov 28, 2025
Table 3.20
RSPI Timing (2/2)
Parameter
Symbol
Min.*1
Max.*1
Unit
Figure
Slave access time
tSA
—
8 / 10*6
ns
Figure 3.41,
Figure 3.42
Slave output release time
tREL
—
8 / 10*6
ns
Note 1.
tSPIcyc: RSPI_n_TCLK cycle (n = 0 to 2)
Note 2.
RSPIm_SPCKD.SCKDL[2:0] set value + 1 (1 to 8)
Note 3.
RSPIm_SSLND.SLNDL[2:0] set value + 1 (1 to 8)
Note 4.
RSPIm_SSLND.SLNDL[2:0] set value + 2 (2 to 9)
Note 5.
Output transition time from 20% to 80%
Note 6.
This value when PMx, P3x pins are used as RSPI (x = 0 to 7)
RSPCKx
(x = A, B, C)
tSPcyc
tSPCKWH
tSPCKR
tSPCKWL
tSPCKF
Figure 3.38
RSPI Clock Timing
SSLx0 to
SSLx3
output
tLEAD
SPI
tSSLr, tSSLf
RSPCKx
CPOL = 1
output
(x = A, B, C)
tLAG
tTD
RSPCKx
CPOL = 0
output
tSU
tH
MSB IN
DATA
LSB IN
MSB IN
MISOx
input
MOSIx
output
MSB OUT
tDr, tDf
tOH
DATA
tOD
LSB OUT
MSB OUT
IDLE
tOD1
Figure 3.39
RSPI Timing (Master, Motorola RSPI, CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com