Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 42Page - Renesas Technology Corp RZ/G3E Datasheet HTML 43Page - Renesas Technology Corp RZ/G3E Datasheet HTML 44Page - Renesas Technology Corp RZ/G3E Datasheet HTML 45Page - Renesas Technology Corp RZ/G3E Datasheet HTML 46Page - Renesas Technology Corp RZ/G3E Datasheet HTML 47Page - Renesas Technology Corp RZ/G3E Datasheet HTML 48Page - Renesas Technology Corp RZ/G3E Datasheet HTML 49Page - Renesas Technology Corp RZ/G3E Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 46 of 112
Nov 28, 2025
Item
I/O Type
Symbol
Min.
Typ.
Max.
Unit
Condition
Input leakage current
1.8/1.2-V switching I/O type
(1.2 V)
II
−10
—
10
µA
Vin = VSS or VDD max &
VDD power-on
−10
—
10
µA
Vin = VSS or VDD max &
VDD power-off
1.8/1.2-V switching I/O type
(1.8 V)
II
−18
—
18
µA
Vin = VDD max &
VDD power-on
−18
—
18
µA
Vin = VSS or VDD max &
VDD power-off
1.8-V OSC I/O type
3.3/1.8-V switching I/O type 1
II
−12
—
12
µA
Vin = VDD max &
VDD power-on
3.3/1.8-V switching I/O type 3
II
−18
—
18
µA
Vin = VDD max &
VDD power-on
−18
—
18
µA
Vin = VSS or VDD max &
VDD power-off
3.3/1.8-V switching I/O type 2
3.3/1.8-V switching I/O type 4
II
−12
—
12
µA
Vin = VDD max &
VDD power-on
Input pull-down resistor
current
1.8/1.2-V switching I/O type*3
(1.2 V)
IRPU
10
—
100
µA
Vin = VDD max
1.8/1.2-V switching I/O type*3
(1.8 V)
IRPU
25
—
130
µA
Vin = VDD max
3.3/1.8-V switching I/O type 1*7
3.3/1.8-V switching I/O type 3*9
3.3/1.8-V switching I/O type 4*5
IRPU
25
—
200
µA
Vin = VDD max
3.3/1.8-V switching I/O type 2*11 IRPU
18
—
148
µA
Vin = VDD max
Input pull-up resistor
current
1.8/1.2-V switching I/O type*4
(1.2 V)
IRPD
−10
—
−100
µA
Vin = VSS
1.8/1.2-V switching I/O type*4
(1.8 V)
IRPD
−35
—
−185
µA
Vin = VSS
3.3/1.8-V switching I/O type 1*8
3.3/1.8-V switching I/O type 3*10
3.3/1.8-V switching I/O type 4*6
IRPD
−25
—
−200
µA
Vin = VSS
3.3/1.8-V switching I/O type 2*12 IRPD
−18
—
−192
µA
Vin = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com