Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 4Page - Renesas Technology Corp RZ/G3E Datasheet HTML 5Page - Renesas Technology Corp RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp RZ/G3E Datasheet HTML 10Page - Renesas Technology Corp RZ/G3E Datasheet HTML 11Page - Renesas Technology Corp RZ/G3E Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 8 of 112
Nov 28, 2025
1.1.10
Display Interfaces
Item
Description
LCD Controller
● 2 channels
● 2 planes blending (can blend 2 different size images)
● Support Image Processing:
– Dither processing (RGB666)
– Clipping
– RGB Gamma Correction LUT
● Support Input Data Format:
– RGB565/RGB666/RGB888
– ARGB1555/ARGB4444/ARGB8888
– YCbCr444 8-bit/YCbCr422 8-bit/YCbCr420 8-bit
● Selectable 2 display interfaces from the following
– 1 channel MIPI DSI (1/2/4-Lane) interface
– 1 parallel interface
– 2 LVDS interfaces
● Support 1920 pixels × 1920 lines
Pixel clock must be within the following range
– MIPI DSI = 5.4 to 187.5 MHz
– Parallel = 5.4 to 87 MHz
– LVDS (single) = 25 to 87 MHz
– LVDS (dual) = 50 to 174 MHz
MIPI DSI Interface
● 1 channel
● The number of Lanes: 1,2, or 4-lane
● Support 1920 × 1200, 60 fps (RGB888)
● Maximum Bandwidth: 1.5 Gbps per lane
● Support Output Data Format: RGB666/RGB888
Parallel Output Interface
● 1 channel
● Support WXGA (1280×800), 60 fps
● Support Output Data Format: RGB666/RGB888
● CLK/HD/VD timing signal supported
LVDS Interface
● 2 channels
● Number of support lanes
– Single-link: 4 lanes (Data) + 1 lane (Clock)
– Single-link (2 ch.): 8 lanes (Data) + 2 lanes (Clock)
– Dual-link:8 lanes (Data) + 2 lanes (Clock)
● Single-link target
– RGB888 640×480 (VGA)
– RGB888 800×480 (QVGA)
– RGB888 1366×768 60 Hz (WXGA)
– RGB888 1280×800 60 Hz (WXGA)
● Dual-link target
– RGB888 1920×1200 60 fps (~3.32 Gbps)
– RGB888 1920×1080 60 fps (~2.99 Gbps)
● Output clock range: 25 to 87 MHz
● Clock Duty: 4:3
● Color: 8 bits
● ViD: 250 to 450 mV
● Vcm (Vos): 1.125 to 1.375 V
● SSC supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com