Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp RZ/G3E Datasheet HTML 10Page - Renesas Technology Corp RZ/G3E Datasheet HTML 11Page - Renesas Technology Corp RZ/G3E Datasheet HTML 12Page - Renesas Technology Corp RZ/G3E Datasheet HTML 13Page - Renesas Technology Corp RZ/G3E Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 10 of 112
Nov 28, 2025
1.1.12
Peripheral Module
Item
Description
I3C Bus Interface
(I3C)
● 1 channel
● Support for 1.2 V and 1.8 V
● Master or Slave mode selectable
● Support for the multi-master
● Compliant with MIPI I3C v1.0 and I3C Basic v1.0
● The following functions are not supported:
– Bridge device (I3C v1.0 and I3C Basic v1.0)
– Asynchronous timing control async mode 2 & 3 (I3C v1.0)
● Support for DMAC and event linking
I2C Bus Interface
(RIIC)
● 9 channels
● Master or Slave mode selectable
● Support for the multi-master
● Support for Standard mode (100 kHz), Fast mode (400 kHz), and Fast mode+ (1 MHz)
● Support for DMAC and event linking
Renesas Serial
Communication Interface
(RSCI)
● 10 channels
● 6 communication mode
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple IIC (master-only)
– Simple SPI
– Smart card interface
– Simple LIN (expanded SCIX mode)
● 32-stage FIFO registers for transmission and reception
● Clock sources is select from among four internal clock signals
● Bit rate specifiable with the on-chip baud rate generator
● Full-duplex and Half-duplex communication
● Data length: 7 to 9 bits
● Bit rate modulation
● Double speed mode
● Loopback function to enable self-diagnosis
● Support for DMAC and event linking
● Support for CRC calculation by the CRC unit
Renesas Serial Peripheral
Interface
(RSPI)
● 3 channels
● SPI transfer facility
– Using the MOSI (master out slave in), MISO (master in slave out), SSL (slave select), and
RSPCK (SPI clock) signals enables serial transfer through SPI operation (four lines) or clock-
synchronous operation (three lines)
– Capable of handling serial transfer as a master or slave
● Data formats
– Switching between MSB first and LSB first
– The number of bits in each transfer can be changed to any number of bits from 8 to 16, or 20,
24, or 32 bits.
– 32 bits × 16 stage buffers for transmission and reception
– Up to for frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
● Buffered structure
– 16 stages/channels for MOSI and MISO independently
– Double buffers for both transmission and reception
● RSPCK can be stopped automatically with the reception buffer full for master reception
● Support for DMAC and event linking
● Support CRC calculation by the CRC unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com