Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 45Page - Renesas Technology Corp RZ/G3E Datasheet HTML 46Page - Renesas Technology Corp RZ/G3E Datasheet HTML 47Page - Renesas Technology Corp RZ/G3E Datasheet HTML 48Page - Renesas Technology Corp RZ/G3E Datasheet HTML 49Page - Renesas Technology Corp RZ/G3E Datasheet HTML 50Page - Renesas Technology Corp RZ/G3E Datasheet HTML 51Page - Renesas Technology Corp RZ/G3E Datasheet HTML 52Page - Renesas Technology Corp RZ/G3E Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 49 of 112
Nov 28, 2025
Table 3.5
DC Characteristics (LVDS)
VDD = 1.71 V to 1.89 V (I/O type[LVDS])
Item
I/O Type
Symbol
Min.
Typ.
Max.
Unit
Condition
Output differential voltage
LVDS
|VOD|
250
—
450
mV
TIA-EIA-644
Termination load =
100Ω
Output offset voltage
LVDS
VOS
1.125
—
1.375
V
TIA-EIA-644
Termination load =
100Ω
Change in |VOD|
between 0 and 1
LVDS
ΔVOD
—
—
50
mV
TIA-EIA-644
Termination load =
100Ω
Change in VOS
between 0 and 1
LVDS
ΔVOS
—
—
50
mV
TIA-EIA-644
Termination load =
100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com