Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 93Page - Renesas Technology Corp RZ/G3E Datasheet HTML 94Page - Renesas Technology Corp RZ/G3E Datasheet HTML 95Page - Renesas Technology Corp RZ/G3E Datasheet HTML 96Page - Renesas Technology Corp RZ/G3E Datasheet HTML 97Page - Renesas Technology Corp RZ/G3E Datasheet HTML 98Page - Renesas Technology Corp RZ/G3E Datasheet HTML 99Page - Renesas Technology Corp RZ/G3E Datasheet HTML 100Page - Renesas Technology Corp RZ/G3E Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 97 of 112
Nov 28, 2025
3.5.24
Control Signal Access Timing
Table 3.31
Control Signal Timing
Item
Symbol
Min.
Max.
Unit
Figures
QRESN pulse width
tRESW
1
—
μs
Figure 3.67
TRSTN pulse width
tTRSW
1
—
μs
NMI pulse width
tNMIW
20
—
tcyc*1
Figure 3.68
IRQ pulse width
tIRQW
20
—
tcyc*1
TINT pulse width
tTINTW
20
—
tcyc*1
Note 1.
tcyc = 41.666 ns (24 MHz)
QRESN
TRSTN
tRESW / tTRSW
Figure 3.67
Reset Input Timing
NMI
tNMIW
IRQ
tIRQW
TINT
tTINTW
Note: This specification “(Min. 20 tcycle)” is the min. pulse width when the digital noise filter is off.
Figure 3.68
Interrupt Signal Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com