Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 2Page - Renesas Technology Corp RZ/G3E Datasheet HTML 3Page - Renesas Technology Corp RZ/G3E Datasheet HTML 4Page - Renesas Technology Corp RZ/G3E Datasheet HTML 5Page - Renesas Technology Corp RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp RZ/G3E Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 6 of 112
Nov 28, 2025
1.1.8
CPU Peripheral
Item
Description
Clock Pulse Generator
(CPG)
● Generates the clocks from an external clock or external resonator (24 MHz).
– Maximum Arm Cortex-A55 clock: 1.8 GHz with Over Drive (0.9 V)
– Maximum Arm Cortex-M33 clock: 200 MHz
– Maximum DDR clock: 800 MHz (LPDDR4/4X-3200)
– Maximum 3DGE clock: 630 MHz
– Maximum VSP clock: 800 MHz
– Maximum NPU clock: 1.0 GHz
– Maximum H.264/H.265 clock: 400 MHz
– Maximum System Bus clock: 400 MHz
● SSC (Spread Spectrum Clock) supported
Direct Memory Access
Controller
(DMAC)
● 80 channels
● Transfer modes: Single transfer mode and block transfer mode
● LINK mode (DMA transfer under descriptor control) supported
● Transfer size: 1, 2, 4, 8, 16, 32, 64, or 128 bytes
● Transfer request: Software trigger, external DMA requests (DREQ) and interrupt requests from
peripheral functions
● A specific DMA transfer interval can be specified to adjust the bus occupancy.
Interrupt Controller
● Arm® CoreLinkTM Generic Interrupt Controller (GIC-600) for Arm Cortex-A55 (32 priority levels
available)
● Nested Vectored Interrupt Controller (NVIC) for Arm Cortex-M33
● External Interrupt pins (NMI, IRQ0 to IRQ15, and TINT0 to TINT31)
● On-chip peripheral Interrupts: priority level set for each module
Event Link Controller
(ELC)
● Up to 455 event signals can be interlinked with the operation of modules
● In particular, the operation of timer modules can be started by input event signals
● Event-linked operation of signals of 16 ports P10~17, P70~77 is to be possible.
Error Controller
● Error events from CPU and peripherals are captured and merged to interrupt with mask for Arm
Cortex-A55 and Arm Cortex-M33 respectively.
● System reset can be generated by error events.
Message Handling Unit
(MHU)
● Message handling function between Arm Cortex-A55 and Arm Cortex-M33
● Assert interrupt to inform message and response from/to every core
General-purpose I/O
(GPIO)
● 141 General-purpose I/O ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com