Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 19Page - Renesas Technology Corp RZ/G3E Datasheet HTML 20Page - Renesas Technology Corp RZ/G3E Datasheet HTML 21Page - Renesas Technology Corp RZ/G3E Datasheet HTML 22Page - Renesas Technology Corp RZ/G3E Datasheet HTML 23Page - Renesas Technology Corp RZ/G3E Datasheet HTML 24Page - Renesas Technology Corp RZ/G3E Datasheet HTML 25Page - Renesas Technology Corp RZ/G3E Datasheet HTML 26Page - Renesas Technology Corp RZ/G3E Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 23 of 112
Nov 28, 2025
3.2
Recommended Operating Range
Table 3.2
Recommended Operating Range (1/2)
Unit Name
Item
Symbol
Min.
Typ.
Max.
Unit
Note
CA55
VDD09_CA55
CA55_VDD09
0.86
0.76
0.9
0.8
0.94
0.84
V
V
0.9 V: OD*1
0.8 V: ND*1
PD_OTHERS
VDD08_OTHERS
OTHERS_VDD08
0.76
0.8
0.84
V
*2
VDD1833_OTHERS
OTHERS_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
VDD1833_PRE18_OTHERS_1 OTHERS1_PRE18VDD1833 1.71
1.8
1.89
V
PD_AWO
VDD08_AWO
AWO_VDD08
0.76
0.8
0.84
V
VDD18_AWO
AWO_VDD18
1.71
1.8
1.89
V
VDD1833_AWO
AWO_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
VDD1833_PRE18_AWO
AWO_PRE18VDD1833
1.71
1.8
1.89
V
USB3 Ch0
USB30_USVPH
USB30_USVPH
1.71
1.8
1.89
V
USB30_USVPTX
USB30_USVPTX
0.76
0.8
0.84
V
USB30_USVDD18
USB30_USVDD18
1.71
1.8
1.89
V
USB2 Ch0
USB20_USVDD18
USB20_USVDD18
1.71
1.8
1.89
V
USB2 Ch1
USB21_USVDD18
USB21_USVDD18
1.71
1.8
1.89
V
USB3 Ch0
(for USB2),
USB2 Ch0,
USB2 Ch1
common
USB2_USVDD33
USB2_USVDD33
3.14
3.3
3.46
V
USB2_USDVDD
USB2_USDVDD
0.76
0.8
0.84
V
xSPI
VDD1833_XSPI
XSPI_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
SD/MMC Ch0
VDD1833_SD0
SD0_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
SD/MMC Ch1
VDD1833_SD1
SD1_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
SD Ch2
VDD1833_SD2
SD2_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
GBETH Ch0
VDD1833_ET0
ET0_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
GBETH Ch1
VDD1833_ET1
ET1_VDD1833
3.14
1.71
3.3
1.8
3.46
1.89
V
V
SD/MMC Ch0,
SD/MMC Ch1,
SD Ch2,
GBETH Ch0,
GBETH Ch1
common
VDD1833_PRE18_OTHERS_2 OTHERS2_PRE18VDD1833 1.71
1.8
1.89
V
OTP
OTPVDD18
OTP_VDD18
1.71
1.8
1.89
V
LPDDR4/LPDD
R4X Ch0
DDR0_VDDQ
DDR0_VDDQ
1.06
1.1
1.17
V
DDR0_VDDQLP
DDR0_VDDQLP
0.57
1.06
0.6
1.1
0.65
1.17
V
V
0.6 V: LPDDR4X
1.1 V: LPDDR4
DDR0_VAA
DDR0_VAA
1.71
1.8
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com