Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 13Page - Renesas Technology Corp RZ/G3E Datasheet HTML 14Page - Renesas Technology Corp RZ/G3E Datasheet HTML 15Page - Renesas Technology Corp RZ/G3E Datasheet HTML 16Page - Renesas Technology Corp RZ/G3E Datasheet HTML 17Page - Renesas Technology Corp RZ/G3E Datasheet HTML 18Page - Renesas Technology Corp RZ/G3E Datasheet HTML 19Page - Renesas Technology Corp RZ/G3E Datasheet HTML 20Page - Renesas Technology Corp RZ/G3E Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 17 of 112
Nov 28, 2025
Table 1.1
List of Units (1/2)
Unit Name
Unit Number
Function
ADC
ADC0
A/D converter
ADG
—
Audio clock generator
ADMAC
—
DMAC for audio
CA55
—
Arm Cortex-A55
CANFD
CANFD0
CAN-FD interface
CM33
—
Arm Cortex-M33
CMTW
CMTW0 to CMTW7
Compare match timer
CPG
—
Clock pulse generator
CRC
—
CRC operation unit
CRU
CRU0
Camera data receive unit (MIPI CSI-2 interface)
CST
—
Debug interface (Arm CoreSight)
DDR
DDR0
LPDDR4/4X controller
DMAC
DMAC0 to DMAC4 (each 16 ch.)
Direct memory access (DMA) controller
NPU
—
Micro Neural network processing unit
ELC
—
Event link controller
FDP
—
Frame Data Processor
GBETH
GBETH0, GBETH1
Gigabit Ethernet interface
GE3D
—
3D graphics engine
GIC
—
Generic interrupt controller
GPT
GPT0, GPT1 (each 16 ch.)
General purpose timer
GTM
GTM0 to GTM7
General timer
I3C
I3C0
I3C bus interface
ICU
—
Interrupt control unit
LCDC
—
LCD controller
MHU
—
Message handling unit
OTP
—
One time programmable memory
PCIE
PCIE0
PCIe Express 3.0 interface
PCU
—
Power control unit
PDM
PDM0, PDM1
Pulse density modulation (PDM) interface
PFC
—
Pin function controller
POEG
POEG0, POEG1
Port output enable for GPT
PMU
—
Power management unit
PWC
—
Power sequence controller
RIIC
RIIC0 to RIIC8
I2C bus interface
RSCI
RSCI0 to RSCI9
Serial communication interface
RSPI
RSPI0 to RSPI2
Serial peripheral interface
RTC
—
Real time clock
SCIF
SCIF0
Serial communication interface with FIFO
SD
SD0 to SD2
SD/MMC host interface
Secure IP
—
Trusted secure IP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com