Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 5Page - Renesas Technology Corp RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp RZ/G3E Datasheet HTML 10Page - Renesas Technology Corp RZ/G3E Datasheet HTML 11Page - Renesas Technology Corp RZ/G3E Datasheet HTML 12Page - Renesas Technology Corp RZ/G3E Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 9 of 112
Nov 28, 2025
1.1.11
Storage and Network
Item
Description
USB3.2 Host
(USB3)
● 1 channel
● Compliance with USB3.2 Gen2
● Maximum rate: 10 Gbps
● Supports Control/Bulk/Interrupt/Isochronous transfer
● Internal dedicated DMA
USB2.0 Host/Function
(USB2)
● 2 channels (ch. 0: Host-Function, ch. 1: Host only)
● Compliance with USB2.0
● Support for On-The-Go (OTG) functionality (ch. 0 only)
● Supports Control/Bulk/Interrupt/Isochronous transfer
● Internal dedicated DMA
PCI Express 3.0
(PCIE)
● 1 channel
● PCIe Gen3
● Root complex or Endpoint selectable
● 2-lane
Gigabit Ethernet Interface
(GBETH)
● 2 channels
● Compliant with IEEE802.3
● Compliant with IEEE802.1Qav, IEEE802.1Qat, IEEE802.1AS
● Compliant with IEEE1588-2008 with nano second timer in ch. 0 (master) and ch. 1 (slave)
● Supports 10BASE, 100BASE, 1000BASE
● Supports full duplex and half duplex
● Supports RGMII/MII Interfaces
CANFD Interface
(RS-CANFD)
● 6 channels
● CAN-FD ISO 11898-1 (2015) compliant
● Support up to 8 MHz with payload transfer
● Message buffer
– 64 transmit message buffers per channel
– 256 shared buffers for RXMB and FIFO buffers per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com