Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/G3E Datasheet HTML 1Page - Renesas Technology Corp RZ/G3E Datasheet HTML 2Page - Renesas Technology Corp RZ/G3E Datasheet HTML 3Page - Renesas Technology Corp RZ/G3E Datasheet HTML 4Page - Renesas Technology Corp RZ/G3E Datasheet HTML 5Page - Renesas Technology Corp RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 5 of 112
Nov 28, 2025
1.1.6
Internal Memory
Item
Description
System RAM
● 512 Kbytes (with ECC)
1.1.7
External Memory Interface
Item
Description
External Bus Controller for
LPDDR4/4X SDRAM
(DDR)
● 1 channel
● Support LPDDR4X-3200
Bus width: 32-bit
Memory Size: Up to 4 GBytes, Single rank (15 mm PKG, 21 mm PKG)
● Support LPDDR4-3200
Bus width: 32-bit
Memory Size: Up to 4 GBytes, Single rank (15 mm PKG, 21 mm PKG)
Memory Size: Up to 8 GBytes, Dual rank (15 mm PKG)
● In line ECC supported (support for error detection interrupts)
● Auto Refresh/Self Refresh/IO Retention supported
● Memory access protection for secure regions using TZC-400 (Arm® TrustZone® supported)
xSPI Controller
(xSPI)
● 1 channel (2 chip select signals)
● Compliant with the xSPI protocol
● Protocol mode
1, 4, or 8 pins with SDR or DDR (1S-1S-1S, 4S-4D-4D*1, 8D-8D-8D*1)
2 or 4 pins with SDR (1S-2S-2S, 2S-2S-2S, 1S-4S-4S, 4S-4S-4S)
● Support for XiP mode
● Support for up to 256-Mbyte address space (support for up to 128 Mbytes per channel address
space in boot sequence)
SD Card Host Interface/
Multimedia Card Interface
(SD/MMC)
● 3 channels
Channel 0 supports SDHI/e-MMC (boot supported)
Channel 1 supports SDHI/e-MMC
Channel 2 supports SDHI
● SD memory I/O card interface (1-bit/4-bit SD bus)
● SD, SDHC and SDXC SD memory card access supported
● Compliant with SD specification version 3.01
● Default, high-speed, UHS-I/SDR50, SDR104 and DDR50 transfer modes supported
● Error check function: CRC7 (Command), CRC16 (Data)
● Support for card detection and write protection
● MMC interface
Channel 0 (1-bit/4-bit/8-bit MMC bus)
Channel 1 (1-bit/4-bit MMC bus)
● e-MMC device access supported
● Compliant with eMMC 4.51
● High-speed, HS200 and HS-DDR transfer modes supported
Note 1.
DDR access without DS (XSPI0_DS) is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com