Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 79Page - Renesas Technology Corp RZ/G3E Datasheet HTML 80Page - Renesas Technology Corp RZ/G3E Datasheet HTML 81Page - Renesas Technology Corp RZ/G3E Datasheet HTML 82Page - Renesas Technology Corp RZ/G3E Datasheet HTML 83Page - Renesas Technology Corp RZ/G3E Datasheet HTML 84Page - Renesas Technology Corp RZ/G3E Datasheet HTML 85Page - Renesas Technology Corp RZ/G3E Datasheet HTML 86Page - Renesas Technology Corp RZ/G3E Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 83 of 112
Nov 28, 2025
Table 3.26
I3C Timing (Push-Pull Timing Parameters for SDR)
Parameter
Symbol
Min.*1
Max.
Unit
Figure
Notes
SCL3n clock
frequency
VDD1218 = 1.8 V
tSCL
0.01
12.5
MHz
—
1
VDD1218 = 1.2 V
0.01
12.39
MHz
—
SCL3n clock Low period
tLOW
24
—
ns
Figure 3.48
—
tDIG_L
32
—
ns
Figure 3.48
2, 4
SCL3n clock High period for Mixed Bus
tHIGH
24
—
ns
Figure 3.48
—
tDIG_H
32
45
ns
Figure 3.48
2, 3
SCL3n clock High period
tHIGH
24
—
ns
Figure 3.48
—
tDIG_H
32
45
ns
Figure 3.48
2
Clock in to data out
for a slave
VDD1218 = 1.8 V
tSCO
—
12
ns
Figure 3.53
—
VDD1218 = 1.2 V
—
12.7
ns
SCL3n clock rise time
tCR
—
150 × 1/fSCL
(capped at 60)
ns
Figure 3.48
—
SCL3n clock fall time
tCF
—
150 × 1/fSCL
(capped at 60)
ns
Figure 3.48
—
SDA3n signal data
hold in push-pull
mode
Master
tHD_PP
tCR + 3 and tCF + 3
—
—
Figure 3.52
4
Slave
0
—
—
Figure 3.54
—
SDA3n signal data
setup in push-pull
mode
VDD1218 = 1.8 V
tSU_PP
12
N/A
ns
Figure 3.52,
Figure 3.53,
Figure 3.54
—
VDD1218 = 1.2 V
13.9
N/A
ns
Clock after repeated START (Sr)
tCASr
tCASmin
N/A
ns
Figure 3.55
—
Clock before repeated START (Sr)
tCBSr
tCASmin/2
N/A
ns
Figure 3.55
—
Capacitive load per bus line (SDA3n /
SCL3n)
Cb
—
50
pF
—
—
Note 1.
FSCL = 1/(tDIG_L + tDIG_H)
Note 2.
tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL and VIH (see
Figure
3.48)
Note 3.
When communicating with an I3C Device on a mixed bus, the tDIG_H_MIXED period must be constrained in order to make sure
that I2C Devices do not interpret I3C signaling as valid I2C signaling.
Note 4.
As both edges are used, the hold time must be satisfied for the respective edges, for example, tCF + 3 for falling edge clocks,
and tCR + 3 for rising edge clocks.
0.7×VDD
0.3×VDD
tHIGH
SCL3n
tCF
tLOW
tCR
tDIG_H
tDIG_L
Note: VDD: VDD1218_I3C
Figure 3.48
tDIG_H and tDIG_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com