Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 20Page - Renesas Technology Corp RZ/G3E Datasheet HTML 21Page - Renesas Technology Corp RZ/G3E Datasheet HTML 22Page - Renesas Technology Corp RZ/G3E Datasheet HTML 23Page - Renesas Technology Corp RZ/G3E Datasheet HTML 24Page - Renesas Technology Corp RZ/G3E Datasheet HTML 25Page - Renesas Technology Corp RZ/G3E Datasheet HTML 26Page - Renesas Technology Corp RZ/G3E Datasheet HTML 27Page - Renesas Technology Corp RZ/G3E Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 24 of 112
Nov 28, 2025
Table 3.2
Recommended Operating Range (2/2)
Unit Name
Item
Symbol
Min.
Typ.
Max.
Unit
Note
MIPI CSI Ch0
CSI0_MSVDD18
CSI0_MSVDD18
1.71
1.8
1.89
V
CSI0_MSVDD0P8
CSI0_MSVDD0P8
0.76
0.8
0.84
V
MIPI DSI
DSI_VDD0P8
DSI_VDD0P8
0.76
0.8
0.84
V
DSI_VDD12
DSI_VDD12
1.14
1.2
1.26
V
DSI_VDD18
DSI_VDD18
1.71
1.8
1.89
V
PCIE
PCIE_VCC18ACMN
PCIE_VCC18ACMN
1.71
1.8
1.89
V
PCIE_VCC18AL01
PCIE_VCC18AL01
1.71
1.8
1.89
V
PCIE_VCC08AL01
PCIE_VCC08AL01
0.76
0.8
0.84
V
I3C
VDD1218_I3C
I3C_VDD1218
1.71
1.14
1.8
1.2
1.89
1.26
V
V
ADC
ADAVDD18
ADAVDD18
1.71
1.8
1.89
V
LVDS Ch0,
LVDS Ch1
common
LVDS_VCCQ
LVDSVDD18
1.71
1.8
1.89
V
CPG
PLVDD_PLLCM33
PLLCM33_PLVDD
1.71
1.8
1.89
V
PLVDD_PLLCA55
PLLCA55_PLVDD
1.71
1.8
1.89
V
PLVDD_OTHERS
PLLOTHERS_PLVDD
1.71
1.8
1.89
V
PLDVDD08_PLLCM33
PLLCM33_PLDVDD08
0.76
0.8
0.84
V
PLDVDD09_PLLCA55
PLLCA55_PLDVDD09
0.86
0.76
0.9
0.8
0.94
0.84
V
V
0.9 V: OD*1
0.8 V: ND*1
PLDVDD08_OTHERS
PLLOTHERS_PLDVDD08
0.76
0.8
0.84
V
PWC
VDD18_PWC
PWC_VDD18
1.71
1.8
1.89
V
Note 1.
OD: Over drive (up to 1.8-GHz operation frequency)
ND: Normal drive (up to 1.1-GHz operation frequency)
Note 2.
To avoid the possibility of noise, separating this power supply from other power supply terminals is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com