Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 4 Page - Renesas Technology Corp

  RZ/G3E Datasheet HTML 1Page - Renesas Technology Corp RZ/G3E Datasheet HTML 2Page - Renesas Technology Corp RZ/G3E Datasheet HTML 3Page - Renesas Technology Corp RZ/G3E Datasheet HTML 4Page - Renesas Technology Corp RZ/G3E Datasheet HTML 5Page - Renesas Technology Corp RZ/G3E Datasheet HTML 6Page - Renesas Technology Corp RZ/G3E Datasheet HTML 7Page - Renesas Technology Corp RZ/G3E Datasheet HTML 8Page - Renesas Technology Corp RZ/G3E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
RZ/G3E Group
1. Overview
R01DS0477EJ0115 Rev.1.15
Page 4 of 112
Nov 28, 2025
1.1.4
Graphics Unit
Item
Description
3D Graphics Engine
(GE3D)
● Arm Mali-G52 630 MHz
● 64 Kbytes L2 cache
● Vulkan 1.2 supported
● OpenGL ES™ 1.1, 2.0, and 3.2 supported
● OpenCL 2.0 full profile supported
1.1.5
Video Processing Unit
Item
Description
Video Codec Unit
(VCD)
● H.264/H.265 codec module
● Support for encoding and decoding
– H.264/AVC (High Profile, level 4.2; Main Profile, level 4.2; Baseline Profile, level 4.2)
– H.265/HEVC (Main Profile, level 5)
● I-/P-slice supported for H.264/H.265 encoding
I-/P-/B-slice supported for H.264/H.265 decoding
● Maximum size
– (H.264)
1920 × 1080 × 60 fps*1
– (H.265)
3840 × 2160p × 30 fps*1
Frame Data Processor
(FDP)
● 1 channel
● Tile-Linear conversion supported
● 500 Mpix/s for output performance
● Supports various image formats
● Input: YCbCr444/422/420
● Output: YCbCr444/422/420 and RGB/αRGB
● Input image Size (max): 3840 × 2160
● Output image Size (max): 3840 × 2160
● Not support Interlace format
Video Signal Processor
(VSP)
● Scaling up & down function
● Supports Various Data Formats and Conversion
– Color space conversion and changes to the number of colors by dithering
– Color keying
● Supports combination between pixel alpha and global alpha
● Supports generating pre multiplied alpha
● Video Processing
– Up and down scaling with arbitrary scaling ratio(×16 to ×1/15.9997)
– Super resolution processing
– Image rotation/reversal function: Reverses an image vertically/horizontally or rotates it by
90°/270°
● Picture Quality/Color Correction with 1D/3D Look Up Table (LUT)
– Hue, brightness, and saturation adjustment
– 1D and 2D histogram
● Following functions will be supported by Renesas software portfolio.
– γ correction and gain correction
– Correction of color
● Input image size (max): 3840 × 2160
● Output image size (max): 3840 × 2160
Note 1.
Maximum frame rate for this size. The number of streams can be defined within this specification by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com