Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 67Page - Renesas Technology Corp RZ/G3E Datasheet HTML 68Page - Renesas Technology Corp RZ/G3E Datasheet HTML 69Page - Renesas Technology Corp RZ/G3E Datasheet HTML 70Page - Renesas Technology Corp RZ/G3E Datasheet HTML 71Page - Renesas Technology Corp RZ/G3E Datasheet HTML 72Page - Renesas Technology Corp RZ/G3E Datasheet HTML 73Page - Renesas Technology Corp RZ/G3E Datasheet HTML 74Page - Renesas Technology Corp RZ/G3E Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 71 of 112
Nov 28, 2025
3.5.15
Renesas Serial Peripheral Interface (RSPI) Access Timing
Conditions:
VOH = VDD18 × 0.5, VOL = VDD18 × 0.5, C = 30 pF (1.8 V)
VOH = VDD33 × 0.5, VOL = VDD33 × 0.5, C = 30 pF (3.3 V)
Drive strength: ×6
Table 3.20
RSPI Timing (1/2)
Parameter
Symbol
Min.*1
Max.*1
Unit
Figure
RSPCK clock cycle
Master
tSPcyc
4
4096
tSPIcyc
Figure 3.38
Slave
4 / 8*6
4096
tSPIcyc
RSPCK clock high-level pulse
width
Master
tSPCKWH
(tSPcyc − tSPCKr − tSPCKf)/2 − 2.5
—
ns
Slave
1
—
tSPIcyc
RSPCK clock low-level pulse
width
Master
tSPCKWL
(tSPcyc − tSPCKr − tSPCKf)/2 − 2.5
—
ns
Slave
1
—
tSPIcyc
RSPCK clock rise/fall time
Output
tSPCKr,
tSPCKf
—
3*5
ns
Input
—
3*5
ns
Data input setup time
Master
tSU
5
—
ns
Figure 3.39 to
Figure 3.45
Slave
3
—
ns
Data input hold time
Master
tH
3
—
ns
Slave
3
—
ns
SSL setup time
Master
tLEAD
N × tSPcyc − 3*2
N × tSPcyc + 3*2
ns
Figure 3.39 to
Figure 3.42
Slave
5
—
tSPIcyc
SSL hold time
Master
tLAG
N × tSPcyc − 3*3
N × tSPcyc + 3*3
ns
Slave
5
—
tSPIcyc
Continuous transmission
delay
Master
tTD
tSPcyc + 2 × tSPIcyc
8 × tSPcyc + 2 ×
tSPIcyc
ns
Slave
tSPcyc + 5 × tSPIcyc
—
ns
TI-SSP SS input setup time
tTISS
3
—
ns
Figure 3.43 to
Figure 3.45
TI-SSP SS input hold time
tTISH
3
—
ns
TI-SSP next access time
tTIND
M*4
—
tSPIcyc
TI-SSP Master SS output
delay
tTISSOD
−3
3
ns
TI-SSP Master OE delay 1
tTIMOED1
—
2
ns
TI-SSP Master OE delay 2
tTIMOED2
—
2
ns
TI-SSP Slave OE delay 1
tTISOED1
—
7.5 / 10*6
ns
TI-SSP Slave OE delay 2
tTISOED2
—
7.5 / 10*6
ns
SSL Activation to Data Output
Delay
tOD1
—
3
ns
Figure 3.39
Data output delay time
Master
tOD
—
3
ns
Figure 3.39 to
Figure 3.45
Slave
—
7.5 / 10*6
ns
Data output hold time
Master
tOH
−3
—
ns
Slave
3
—
ns
MOSI, MISO rise/fall time
Output
tDr, tDf
—
3*5
ns
Input
—
1
μs
SSL rise/fall time
Output
tSSLr, tSSLf
—
3*5
ns
Figure 3.39,
Figure 3.40
Input
—
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com