Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 109 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 109 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 210 page
background image
ST7637
Ver 1.6
109/210
2009/03
9.1.26. RAMRO : Memory Read (2EH)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
↑
0
0
1
0
1
1
1
0
(2Eh)
1
st parameter
1
↑
1
x
x
x
x
x
x
x
x
x
2
nd parameter
1
↑
1
D17
D16
D15
D14
D13
D12
D11
D10
00H ~ FFH
…
1
↑
1
Dx7
Dx6
Dx5
Dx4
Dx3
Dx2
Dx1
Dx0
00H ~ FFH
(N+1)th
parameter
1
↑
1
Dn7
Dn6
Dn5
Dn4
Dn3
Dn2
Dn1
Dn0
00H ~ FFH
Description
This command is used to transfer data from frame memory to MCU. When this command is accepted,
the column register and the page register are reset to the Start Column/Start Page positions. The Start
Column/Start Page positions are different in accordance with MADCTR setting. Then D[7:0] is read
back from the frame memory and the column register and the page register incremented. Frame Read
can be stopped by sending any other command.
Restriction
In all color modes, the Frame Read is always 16bit so there is no restriction on length of parameters.
Note: Memory Read is only possible via the Parallel Interface.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In or Booster Off
Yes
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared
H/W Reset
Contents of memory is not cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com