Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 111 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 111 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 210 page
background image
ST7637
Ver 1.6
111/210
2009/03
9.1.27. PTLAR: Partial Area (30h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
PTLAR
0
1
0
0
0
1
1
0
0
0
0
(30h)
1st Parameter
1
1
0
PS7
PS6
PS5
PS4
PS3
PS2
PS1
PS0
-
2nd Parameter
1
1
0
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
-
NOTE: “-“ Don’t care
Description
This command defines the partial mode’s display area. There are 2 parameters associated with this
command, the first defines the Start Line (PS) and the second the End Line (PE), as illustrated in
the figures below. PS and PE refer to the Frame Memory Line counter.
If End Line > Start Line when MADCTR ML=0:
If End Line > Start Line when MADCTR ML=1:
If End Line < Start Line when MADCTR ML=0:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com