Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 115 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 115 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 210 page
background image
ST7637
Ver 1.6
115/210
2009/03
Default
Default Value
Status
TFA [7:0]
VSA [7:0]
BFA [7:0]
Power On Sequence
00h
84h
00h
S/W Reset
00h
84h
00h
H/W Reset
00h
84h
00h
Flow Chart
1. TO Enter Vertical Scroll Mode:
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter
Normal Mode
SCRLAR
1st parameter TFA[7:0]
2nd parameter VSA[7:0]
3rd parameter BFA[7:0]
CASET
1st parameter XS[7:0]
2nd parameter XE[7:0]
RASET
MADCTR
Parameter
RAMWR
Scroll Video Data
VSCSAD
1st parameter SSA[7:0]
Scroll Mode
1st parameter YS[7:0]
2nd parameter YE[7:0]
Only required
for non-rolling
scrolling
Redefines the
Frame Memory
Window that
the scroll data
will be written
to.
Optional - It
may be
necessary to
redefine the
frame memory
write direction.
NOTE: The Frame Memory Window size must be defined correctly otherwise undesirable image will
be displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com