Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 118 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 118 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 210 page
background image
ST7637
Ver 1.6
118/210
2009/03
9.1.30. TEON: Tearing Effect Line ON (35h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
TEON
0
1
0
0
0
1
1
0
1
0
1
(35h)
Parameter
1
1
0
-
-
-
-
-
-
-
M
NOTE: “-“ Don’t care
Description
This command is used to turn ON the Tearing Effect output signal from the TE signal line. This output is
not affected by changing MADCTR bit ML.
The Tearing Effect Line On has one parameter, which describes the mode of the Tearing Effect
Output Line. (“-“=Don’t Care).
When M=0:
The Tearing Effect Output Line consists of V-Blanking information only:
When M=1:
The Tearing Effect Output Line consists of both V-Blanking and H-Blanking information:
See section 7.4.8 for more information.
Note: During Sleep In Mode with Tearing Effect Line On, Tearing Effect Output pin will be active
Low.
Restriction
This command has no effect when Tearing Effect output is already OFF.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Tearing effect off & M=0
S/W Reset
Tearing effect off & M=0
H/W Reset
Tearing effect off & M=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com