Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 120 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 120 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 210 page
background image
ST7637
Ver 1.6
120/210
2009/03
9.1.31. MADCTR: Memory Data Access Control (36h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
MADCTR
0
1
0
0
0
1
1
0
1
1
0
(36h)
Parameter
1
1
0
MY
MX
MV
ML
RGB
-
-
-
-
NOTE: “-“ Don’t care
Description
This command defines read/write scanning direction of frame memory.
This command makes no change on the other driver status.
Note: ML affects to Partial Area (30h), Vertical Scrolling Definition (33h), Vertical Scrolling Start
address (37h), Partial On (12h) commands
Bit Assignment
Bit
NAME
DESCRIPTION
MY
ROW ADDRESS ORDER
MX
COLUMN ADDRESS ORDER
MV
ROW/COLUMN ORDER
These 3bits controls MCU to memory write/read direction.
ML
LINE ADDRESS ORDER
LCD refresh direction control
RGB
RGB-BGR ORDER
Color selector switch control
0=RGB color filter panel, 1=BGR color filter panel)
The contents of the frame memory are not changed.
Restriction
D2, D1 and D0 of the 1st parameter are set to ‘000’internally.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com