Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 122 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 122 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 210 page
background image
ST7637
Ver 1.6
122/210
2009/03
9.1.32. VSCSAD: Vertical Scroll Start Address of RAM (37h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
VSCSAD
0
1
0
0
0
1
1
0
1
1
1
(37h)
Parameter
1
1
0
SSA7 SSA6 SSA5 SSA4 SSA3 SSA2 SSA1 SSA0
Description
This command is used together with Vertical Scrolling Definition (33h). These two commands
describe the scrolling area and the scrolling mode.
The Vertical Scrolling Start Address command has one parameter which describes which line in
the Frame Memory will be written as the first line after the last line of the Top Fixed Area on the
display as illustrated below:
This command Start the scrolling.
Exit from V-scrolling mode by commands Partial mode On (12h) or Normal mode On (13h).
When MADCTR ML=0
Example:
When Top Fixed Area=Bottom Fixed Area=00, Vertical Scrolling Area=132 and Vertical Scrolling
Pointer SSA=’3’.
Memory
SSA [7:0]
Scroll start address
(0,0)
(0,131)
0
1
2
3
131
130
Display
COM0
COM1
COM2
COM129
COM131
COM130
Scan address

When MADCTR ML=1
Example:
When Top Fixed Area=Bottom Fixed Area=00, Vertical Scrolling Area=132 and Vertical Scrolling
Pointer SSA=’3’.
NOTE: When new Pointer position and Picture Data are sent, the result on the display will
happen at the next Panel Scan to avoid tearing effect.
SSA refers to the Frame Memory line Pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com