Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 123 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 123 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 210 page
background image
ST7637
Ver 1.6
123/210
2009/03
Restriction
Since the value of the Vertical Scrolling Start Address is absolute (with reference to the Frame
Memory), it must not enter the fixed area (defined by Vertical Scrolling Definition (33h)-otherwise
undesirable image will be displayed on the Panel.
SSA [7:0] is based on line unit.
SSA [6:0] = 00h, 01h, 02h, 03h, … , 83h
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value (SSA[7:0])
Power On Sequence
00h
S/W Reset
00h
H/W Reset
00h
Flow Chart
See Vertical Scrolling Definition (33h) description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com