Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 125 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 125 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 210 page
background image
ST7637
Ver 1.6
125/210
2009/03
9.1.34. IDMON: Idle Mode On (39h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
IDMON
0
1
0
0
0
1
1
1
0
0
1
(39h)
Parameter
No Parameter
Description
This command is used to enter into Idle mode on.
There will be no abnormal visible effect on the display mode change transition. In the idle on
mode,
1. Color expression is reduced. The primary and the secondary colors using MSB of each
R, G and B in the Frame Memory, 8 color depth data is displayed.
2. 8-Color mode frame frequency is applied.
3. Exit from IDMON by Idle Mode Off (38h) command
“X”: don’t care
Color
R5 R4 R3 R2 R1 R0
G5 G4 G3 G2 G1 G0
B5 B4 B3 B2 B1 B0
Black
0XXXXX
0XXXXX
0XXXXX
Blue
0XXXXX
0XXXXX
1XXXXX
Red
1XXXXX
0XXXXX
0XXXXX
Magenta
1XXXXX
0XXXXX
1XXXXX
Green
0XXXXX
1XXXXX
0XXXXX
Cyan
0XXXXX
1XXXXX
1XXXXX
Yellow
1XXXXX
1XXXXX
0XXXXX
White
1XXXXX
1XXXXX
1XXXXX
Restriction
This command has no effect when module is already in idle on mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com