Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 129 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 129 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 210 page
background image
ST7637
Ver 1.6
129/210
2009/03
9.1.36. RDID1: Read ID1 Value (DAh)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RDID1
0
1
0
1
1
0
1
1
0
1
0
(DAh)
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2nd parameter
1
0
1
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
-
NOTE: “-“ Don’t care
Description
This read byte returns 8-bit LCD module’s manufacturer ID
D7-D0 (ID17 to ID10): LCD module’s manufacturer ID.
NOTE: See command RDDID (04h), 2nd parameter.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Not fixed
S/W Reset
Not fixed
H/W Reset
Not fixed
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com