Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 130 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 130 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 210 page
background image
ST7637
Ver 1.6
130/210
2009/03
9.1.37. RDID2: Read ID2 Value (DBh)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RDID2
0
1
0
1
1
0
1
1
0
1
1
(DBh)
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2nd parameter
1
0
1
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
-
NOTE: “-“ Don’t care
Description
This read byte returns 8-bit LCD module/driver version ID
D7-D0 (ID27 to ID20): LCD module/driver version ID
Parameter Range: ID=80h to FFh
NOTE: See command RDDID (04h), 3rd parameter.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Not fixed
S/W Reset
Not fixed
H/W Reset
Not fixed
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com