Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 134 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 134 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 210 page
background image
ST7637
Ver 1.6
134/210
2009/03
9.1.41. OscDiv: FOSC Divider (B3H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
OscDiv
0
1
0
1
0
1
1
0
0
1
1
(B3h)
Parameter
1
1
0
-
-
-
-
-
-
CLD1 CLD0
-
NOTE: “-“ Don’t care
Description
This command is used to specify the Fosc dividing ratio.
CLD1, CLD0: Fosc dividing ratio. They are used to change number of dividing stages of internal
clock.
CLD1
CLD0
Fosc dividing ratio
0
0
0
1
1
0
1
1
Not divide
2 divisions
4 divisions
8 divisions
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
(CLD[0:1])
Power On Sequence
00b
S/W Reset
00b
H/W Reset
00b
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com