Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 136 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 136 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 210 page
background image
ST7637
Ver 1.6
136/210
2009/03
9.1.43. ComScanDir: Com/Seg Scan Direction for glass layout (B7H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
ComScanDir
0
1
0
1
0
1
1
0
1
1
1
(B7h)
Parameter
1
1
0
0
SMX
0
0
SBGR
0
-
-
-
NOTE: “-“ Don’t care
Description
Function
0
1
SMX
Inverse the MX setting
Keep MX
Inverse MX
SBGR
Inverse the BGR setting
Keep BGR
Inverse BGR
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
4Ah
S/W Reset
4Ah
H/W Reset
4Ah
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com