Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 135 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 135 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 210 page
background image
ST7637
Ver 1.6
135/210
2009/03
9.1.42. NLInvSet: N-Line control (B5H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
NLInvSet
0
1
0
1
0
1
1
0
1
0
1
(B5h)
Parameter
1
1
0
M
N6
N5
N4
N3
N2
N1
N0
-
NOTE: “-“ Don’t care
Description
This command is used to set the inverted line number with range of 2 to (duty-1) to improve display
quality. When M=0, inversion occurs in every frame; when M=1, inversion is independent from
frames. If N[6:0]=0, N-line inversion function is disable.
Line inversion numbers=N[6:0] +1.
Example:
If N[6:0]=7, inversion occurs per 8 line.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
M
N[6:0]
Power On Sequence
0b
0000000b
S/W Reset
0b
0000000b
H/W Reset
0b
0000000b
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com