Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 127 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 127 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 210 page
background image
ST7637
Ver 1.6
127/210
2009/03
9.1.35. COLMOD: Interface Pixel Format (3Ah)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
COLMOD
0
1
0
0
0
1
1
1
0
1
0
(3Ah)
Parameter
1
1
0
-
-
-
-
-
P2
P1
P0
-
Description
This command is used to define the format of RGB picture data, which is to be transferred via
the MCU Interface. The formats are shown in the table:
Note: In 8 bit/pixel, 12bit/pixe,l or 16 bit/pixel mode, the LUT is applied to transfer data into the
Frame Memory.
Interface Format
P2
P1
P0
Not Defined
0
0
0
Not Defined
0
0
1
8Bit/Pixel
0
1
0
12Bit/Pixel (Type A)
0
1
1
12Bit/Pixel (Type B)
1
0
0
16Bit/Pixel
1
0
1
18Bit/Pixel
1
1
0
24Bit/Pixel
1
1
1
Restriction
There is no visible effect until the Frame Memory is written to.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
05h (16Bit/Pixel)
S/W Reset
No Change
H/W Reset
05h (16Bit/Pixel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com