Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 114 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 114 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 210 page
background image
ST7637
Ver 1.6
114/210
2009/03
9.1.28. SCRLAR: Scroll Area (33h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
SCRLAR
0
1
0
0
0
1
1
0
0
1
1
(33h)
1st parameter
1
1
0
TFA7 TFA6 TFA5 TFA4 TFA3 TFA2 TFA1 TFA0
-
2nd parameter
1
1
0
VSA7 VSA6 VSA5 VSA4 VSA3 VSA2 VSA1 VSA0
-
3rd parameter
1
1
0
BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0
-
NOTE: “-“ Don’t care
Descriptio
n
This command just defines the Vertical Scrolling Area of the display and not performs vertical scroll.
When MADCTR ML=0
The 1st parameter TFA [7:0] describes the Top Fixed Area (in No. of lines from Top of the Frame
Memory and Display).
The 2nd parameter VSA [7:0] describes the height of the Vertical Scrolling Area (in No. of lines of the
Frame Memory [not the display] from the Vertical Scrolling Start Address) The first line appears
immediately after the bottom most line of the Top Fixed Area.
The 3rd parameter BFA [7:0] describes the Bottom Fixed Area (in No. of lines from Bottom of the
Frame Memory and Display).
TFA, VSA and BFA refer to the Frame Memory Line Pointer.
Restriction
The condition is (TFA+VSA+BFA) = 132, otherwise Scrolling mode is undefined.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com