Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 112 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 112 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 210 page
background image
ST7637
Ver 1.6
112/210
2009/03
* Row1: Frame memory row address 1.
If End Line = Start Line then the Partial Area will be one line deep.
Restriction
PS[7:0] and PE[7:0] are based on line unit.
PS[6:0]=00h, 01h, 02h, 03h, … , 83h
PE[6:0]= 00h, 01h, 02h, 03h, … , 83h
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
PS[6:0]
PE[6:0]
Power On Sequence
00h
83h
S/W Reset
00h
83h
H/W Reset
00h
83h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com