Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 209 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 209 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 207Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 208Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 209Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 210Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 209 / 210 page
background image
ST7637
Ver 1.6
209/210
2009/03
A6- selection of application voltage
Vop requirement: [Vdda x BS x BE] ≧ Vop
BS is Vop booster stage and BE is booster efficiency. Referential values are listed
below: (assume Vdda=2.8V, Vop booster stage=x8)
n-line setting=0x00: BE=77%
n-line setting=0x01: BE=66%
n-line setting=0x06: BE=74%
actual BE should be determined by adding module loading and ITO resistance value.
Vdda<3V:
3V≦Vg≦2xVdda, Vdda≧3V: 1.8V≦Vg≦2xVdda.
Vm=Vg/2 and 0.7V<Vm<Vdda-0.7V.
The worst condition should be considered:
Low temperature effect and display on with gray pattern on panel.
Referential LCD module setting
Condition:Vdda=2.8V, Vop booster stage=x8, booster level=level 2, duty=1/132, panel
size=1.5”
bias
Vop (n-line=0x00)
Vop (n-line=0x01)
Vop (n-line=0x06)
1/10
15V~17.24V
14.78V
15V~16.57V
1/9
13.5V~17.24V
13.5V~14.78V
13.5V~16.57V
Note:it is recommended to reserve some range for user adjustment and temperature effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com