Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 210 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 210 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 207Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 208Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 209Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 210Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 210 / 210 page
background image
ST7637
Ver 1.6
210/210
2009/03
ST7637 Serial Specification Revision History
Version
Date
Description
0.x
Preliminary version
1.0
2007/01
First issue
1.1
2007/03
1.
Modfity Application Note example circuit ST7637 pad name
2.
Remove command B4h.
3.
Modify resolution value of example2 in vertical scroll example.
1.2
2007/04
1.
Specify OTP and OTPB register.
2.
Modify application note A1b and A1d.
3.
Modify application note A3 for abnormal power off.
1.3
2007/05
1.
Redefine the programming mechanism of non-volatility memory.
2.
Modify type error in command 0xC2h.
1.4
2007/10
1.
Specify relationship between Vg, Vdda and Vddi.
2.
Add application note for selection of application voltage.
3.
Redefine the value of sleep current.
1.5
2008/07
1. Remove external clock function.
2. Fix type error in command 0x0F.
3. Remove ID code setting and modify temperature compensation
setting suggestion in initial code.
4. Remove un-necessary characteristics.
1.6
2009/03
1.
Correct some type errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com