Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 277 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 277 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 273Page - Intel Corporation 82G33 Datasheet HTML 274Page - Intel Corporation 82G33 Datasheet HTML 275Page - Intel Corporation 82G33 Datasheet HTML 276Page - Intel Corporation 82G33 Datasheet HTML 277Page - Intel Corporation 82G33 Datasheet HTML 278Page - Intel Corporation 82G33 Datasheet HTML 279Page - Intel Corporation 82G33 Datasheet HTML 280Page - Intel Corporation 82G33 Datasheet HTML 281Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
277
8.2.18
MGGC—Mirror of Dev 0 GMCH Graphics Control Register
B/D/F/Type:
0/2/1/PCI
Address Offset:
52–53h
Default Value:
0030h
Access:
RO
Size:
16 bits
All the Bits in this register are Intel® TXT lockable.
Bit
Access &
Default
Description
15:10
RO
00h
Reserved
9:8
RO
0h
GTT Graphics Memory Size (GGMS): This field is used to select the
amount of main memory that is pre-allocated to support the Internal
Graphics Translation Table. The BIOS ensures that memory is pre-
allocated only when Internal graphics is enabled.
00 = No memory pre-allocated. GTT cycles (Memory and I/O) are not
claimed.
01 = No VT mode, 1 MB of memory pre-allocated for GTT.
10 = VT mode, 2 MB of memory pre-allocated for GTT.
11 = reserved
Note: This register is locked and becomes Read Only when the D_LCK
bit in the SMRAM register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com